Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1320-007 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SMP1320-007
Description  PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SMP1320-007 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SMP1320-007 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SMP1320-007 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SMP1320-007 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
Low Resistance 0.9Ω
Low Capacitance 0.3pF
Packages rated MSL1, 260℃ per JEDEC J-STD-020)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
50
V
Power Dissipation
PD
250
mW
Junction Temperature
TJ
150
Operating temperature
TA
-65 to 150
Storage Temperature range
Tstg
-65 to 150
Electrical Characteristics Ta = 25℃
PIN Diodes
SMP1320 Series (KMP1320 Series)
SMP1320-001
SMP1320-003
SMP1320-004
SMP1320-005
SMP1320-007
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.4 nH
SMP1320-001LF SMP1320-003LF SMP1320-004LF
SMP1320-005LF SMP1320-007LF
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
50
Forward voltage
VF
IF= 10 mA
0.85
Reverse voltage leakage current
IR
VR=50 V
10
uA
I=1 mA,F=100 MHz
2
I=10 mA,F=100 MHz
0.9
Capacitance between terminals
CT
VR=30 V, f= 1 MHz
0.3
pF
Carrier lifetime
TI
IF=10 mA
0.4
us
I region width
8
um
Series Resistance
RS
Ω
V


Similar Part No. - SMP1320-007

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1320-007 ALPHA-SMP1320-007 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results

Similar Description - SMP1320-007

ManufacturerPart #DatasheetDescription
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
M/A-COM Technology Solu...
MADP-042XX8 MA-COM-MADP-042XX8_15 Datasheet
218Kb / 4P
   PIN Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com