Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP50N06L Datasheet(PDF) 5 Page - Intersil Corporation

Part # FP50N06L
Description  50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FP50N06L Datasheet(HTML) 5 Page - Intersil Corporation

  FP50N06L Datasheet HTML 1Page - Intersil Corporation FP50N06L Datasheet HTML 2Page - Intersil Corporation FP50N06L Datasheet HTML 3Page - Intersil Corporation FP50N06L Datasheet HTML 4Page - Intersil Corporation FP50N06L Datasheet HTML 5Page - Intersil Corporation FP50N06L Datasheet HTML 6Page - Intersil Corporation FP50N06L Datasheet HTML 7Page - Intersil Corporation FP50N06L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 13. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 14. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 15. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 16. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 17. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
2.0
1.0
0.5
0
1.5
VGS = VDS, ID = 250µA
1.2
1.0
0.9
0.8
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
1.1
ID = 250µA
2500
2000
1000
0
0
5
10
15
20
25
CRSS
1500
CISS
COSS
VDS, DRAIN TO SOURCE VOLTAGE (V)
500
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
60
45
30
15
0
20
I
GREF
()
I
GACT
()
----------------------
t, TIME (
µs)
80
I
GREF
()
I
G ACT
()
----------------------
5.0
3.75
2.5
1.25
0
RL =1.2Ω
IG(REF) = 1.2mA
VGS = 5V
VDD = BVDSS
VDD = 0.75 BVDSS
VDD = 0.50 BVDSS
VDD = 0.25 BVDSS
PLATEAU VOLTAGES IN
DESCENDING ORDER:
VDD = BVDSS
VDD = BVDSS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RFG50N06LE, RFP50N06LE, RF1S50N06LESM


Similar Part No. - FP50N06L

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5001 FEELING-FP5001 Datasheet
327Kb / 14P
   PWM Controller With SCP / DTC Function
FP5001DR-LF FEELING-FP5001DR-LF Datasheet
327Kb / 14P
   PWM Controller With SCP / DTC Function
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
FP5003DR-LF FEELING-FP5003DR-LF Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
FP5003TR-LF FEELING-FP5003TR-LF Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results

Similar Description - FP50N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
   50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Intersil Corporation
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
   45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com