Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFL1N12L Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFL1N12L
Description  1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFL1N12L Datasheet(HTML) 4 Page - Intersil Corporation

  RFL1N12L Datasheet HTML 1Page - Intersil Corporation RFL1N12L Datasheet HTML 2Page - Intersil Corporation RFL1N12L Datasheet HTML 3Page - Intersil Corporation RFL1N12L Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6-4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Harris Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
1.5
1
0.5
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 5V
ID = 1A
2
1.5
1
0.5
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS
ID = 250µA
2
010
20
30
40
50
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
240
200
160
120
80
40
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
0.75VDSS
0.50VDSS
0.25VDSS
GATE
SOURCE
VOLTAGE
VDD = BVDSS
VDD = BVDSS
VDS
IG(REF)
IG(ACT)
20
80
DRAIN SOURCE VOLTAGE
IG(REF)
IG(ACT)
RL = 75Ω
IG(REF) = 0.095mA
VGS = 5V
t, TIME (
µs)
150
112.5
75
37.5
0
10
8
6
4
0
2
Test Circuits and Waveforms
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFL1N12L, RFL1N15L


Similar Part No. - RFL1N12L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N12 NJSEMI-RFL1N12 Datasheet
138Kb / 2P
   N-Channel Power MOSFETs
More results

Similar Description - RFL1N12L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
   4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
   2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
   2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
   1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com