Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK52 Datasheet(PDF) 6 Page - Yea Shin Technology Co., Ltd

Part # SK52
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SK52 Datasheet(HTML) 6 Page - Yea Shin Technology Co., Ltd

  SK52 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 8Page - Yea Shin Technology Co., Ltd SK52 Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SURFACE MOUNT PACKAGING
EMBOSSED TAPE
ALL DIMENSION IN MILLIMETERS
20
SKETCH "A"
rotation
Typical
component cavity
center line
Typical
component
center line
Note1
.: A0B0K0 are determined by component size. The clearance between
the component and the cavity must be within 0.05(.002) min. to 0.50
(.020) max. for 8 mm tape. 0.05(.002) min. to 0.65 (.025) max. for 12mm
tape. 0.15 (0.006) min. to 0.90 (.035) max. for 16mm tape and 0.05(0.002)
min. to 1.00 (.039) max. for 24 mm tape and larger. the component cannot
rotate more than 20 within the determined cavity,see sketch "A" below
See Note 1
and Table
P
D
t
K
Top
Cover
Tape
See Note 1
and Table
For Machine Reference Only
Including Draft and Radii
Concentric Around B0
B0
D1
For components
2.0mm x 1.2mm
and larger
P0
P2
A0
E
F
W
10 pitches
cumulative
tolerance on
tape
±0.2
User Direction of Feed
B1
K0
Tape Size
D
E
Po
t(Max)
Ao Bo Ko
8, 12 ,
16 mm
1.550.1
0.0
1.75±0.10
4.0±0.10
0.400
See Note 1
Constant
Dimensions
Product
Tape
B1
D1
K
Type
Size
Max.
Min.
Max.
SOT-23/323/363
SOD-123/323
SMA SMF
SMB
MINI DIP
SMC
3.29
2.0±0.1
40
DFS
3.70
4.0±0.1
50
12.0
±0.1
F
P2
R
W
P
12mm
16mm
8mm
4.5
8.2
12.1
1.0
1.5
3.5±0.05
5.5±0.05
7.5±0.1
4.5
2.0±0.05
2.4
2.0±0.05
25
8.0±0.3
16.0±0.3
4.0
±0.1
8.0
±0.1
30
12.0±0.3
http //www.yeashin.com
亞 昕 科 技 股 份 有 限 公 司
YEASHIN TECHNOLOGY CO., LTD.


Similar Part No. - SK52

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SK52 DGNJDZ-SK52 Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
EIC discrete Semiconduc...
SK52 EIC-SK52 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifier
logo
Nanjing International G...
SK52 DGNJDZ-SK52 Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK52

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com