Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM3N50 Datasheet(PDF) 7 Page - Intersil Corporation

Part # RFM3N50
Description  3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFM3N50 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button RFM3N50 Datasheet HTML 2Page - Intersil Corporation RFM3N50 Datasheet HTML 3Page - Intersil Corporation RFM3N50 Datasheet HTML 4Page - Intersil Corporation RFM3N50 Datasheet HTML 5Page - Intersil Corporation RFM3N50 Datasheet HTML 6Page - Intersil Corporation RFM3N50 Datasheet HTML 7Page - Intersil Corporation RFM3N50 Datasheet HTML 8Page - Intersil Corporation RFM3N50 Datasheet HTML 9Page - Intersil Corporation RFM3N50 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFM3N45
RFM3N50
RFP3N45
RFP3N50
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . VDS
450
500
450
500
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . VDGR
450
500
450
500
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . ID
3333
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . IDM
5555
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . PD
75
75
60
60
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.6
0.6
0.48
0.48
W/oC
Operating and Storage Temperature . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
RFM3N45, RFP3N45
450
-
-
V
RFM3N50, RFP3N50
500
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, (Figure 7)
2.0
-
4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
1
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TC = 125
oC-
-
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 3A, VGS = 10V, (Figures 5, 6)
-
-
3
Drain to Source On Voltage (Note 2)
VDS(ON)
ID = 3A, VGS = 10V
-
-
9.0
V
Turn-On Delay Time
td(ON)
VDD = 250V, ID 1.5A, RG = 50Ω, VGS = 10V
RL = 165Ω
(Figures 10, 11, 12)
-30
45
ns
Rise Time
tr
-40
60
ns
Turn-Off Delay Time
td(OFF)
-
90
135
ns
Fall Time
tf
-50
75
ns
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
-
-
750
pF
Output Capacitance
COSS
-
-
150
pF
Reverse Transfer Capacitance
CRSS
-
-
100
pF
Thermal Resistance, Junction to Case
RθJC
RFM3N45, RFM3N50
-
-
1.67
oC/W
RFP3N45, RFP3N50
-
-
2.083
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 1.5A
-
-
1.4
V
Reverse Recovery Time
trr
ISD = 4A, dISD/dt = 100A/µs
-
800
-
ns
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFM3N45, RFM3N50, RFP3N45, RFP3N50


Similar Part No. - RFM3N50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM31B ETC2-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
HOPE Microelectronics C...
RFM31B HOPE-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
RFM31B-433-D HOPE-RFM31B-433-D Datasheet
1Mb / 63P
   ISM RECEIVER
RFM31B-868-S1 HOPE-RFM31B-868-S1 Datasheet
1Mb / 63P
   ISM RECEIVER
More results

Similar Description - RFM3N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
   6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
   3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
   3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com