Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM6N45 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFM6N45
Description  6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFM6N45 Datasheet(HTML) 4 Page - Intersil Corporation

  RFM6N45 Datasheet HTML 1Page - Intersil Corporation RFM6N45 Datasheet HTML 2Page - Intersil Corporation RFM6N45 Datasheet HTML 3Page - Intersil Corporation RFM6N45 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Harris Applications Notes AN7254 and AN7260
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
1.5
2.5
0.5
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
3.5
VGS = 10V
ID = 6A
1.5
1.0
0.5
-50
0
50
100
150
TC, JUNCTION TEMPERATURE (
oC)
VGS = VDS
ID = 250µA
0
0
10
203040
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
1400
200
0
1000
600
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
500
375
250
125
0
10
8
6
4
0
2
GATE
SOURCE
VOLTAGE
IG(REF)
IG(ACT)
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
VDD = BVDSS
RL = 83Ω
IG(REF) = 1.1mA
VGS = 10V
20
80
DRAIN SOURCE VOLTAGE
IG(REF)
IG(ACT)
VDD = BVDSS
t, TIME (
µs)
Test Circuits and Waveforms
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFM6N45, RFP6N45, RFP6N50


Similar Part No. - RFM6N45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM60 ETC2-RFM60 Datasheet
291Kb / 9P
   MCU with 315/433/868/915 MHz ISM Band Transmitter Module
RFM63B ETC2-RFM63B Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE V1.1
logo
HOPE Microelectronics C...
RFM63B HOPE-RFM63B Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE
RFM63B-868S2 HOPE-RFM63B-868S2 Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE
RFM63B-915S2 HOPE-RFM63B-915S2 Datasheet
3Mb / 90P
   ISM TRANSCEIVER MODULE
More results

Similar Description - RFM6N45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
Intersil Corporation
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
   6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com