Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM7N40 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFM7N40
Description  7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFM7N40 Datasheet(HTML) 4 Page - Intersil Corporation

  RFM7N40 Datasheet HTML 1Page - Intersil Corporation RFM7N40 Datasheet HTML 2Page - Intersil Corporation RFM7N40 Datasheet HTML 3Page - Intersil Corporation RFM7N40 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Harris Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
2
1.5
1
0.5
ID = 7A
VGS = 10V
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
1
0.8
0.6
1.2
1.4
ID = 250µA
0
10
20
304050
VDS, DRAIN TO SOURCE (V)
1200
1000
800
600
400
200
0
1400
1600
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
BVDSS
VDD = VDSS
400
300
200
100
0
10
8
6
4
2
0
0.75 VDSS
0.25 VDSS
0.50 VDSS
DRAIN TO SOURCE VOLTAGE
GATE
SOURCE
VOLTAGE
VDD = VDSS
RL = 57Ω
IG(REF) = 0.45mA
VGS = 10V
IG(REF)
IG(ACT)
20
IG(REF)
IG(ACT)
80
t, TIME (
µs)
TO
Test Circuits and Waveforms
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFM7N35, RFM7N40, RFP7N35, RFP7N40


Similar Part No. - RFM7N40

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RFM72100RDC1P TOKEN-RFM72100RDC1P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM72100RDC1TR TOKEN-RFM72100RDC1TR Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM72100RDC2P TOKEN-RFM72100RDC2P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM72100RDC2TR TOKEN-RFM72100RDC2TR Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM72100RDC3P TOKEN-RFM72100RDC3P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
More results

Similar Description - RFM7N40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com