Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7192 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 3 Page - Analog Devices

  ADV7192_15 Datasheet HTML 1Page - Analog Devices ADV7192_15 Datasheet HTML 2Page - Analog Devices ADV7192_15 Datasheet HTML 3Page - Analog Devices ADV7192_15 Datasheet HTML 4Page - Analog Devices ADV7192_15 Datasheet HTML 5Page - Analog Devices ADV7192_15 Datasheet HTML 6Page - Analog Devices ADV7192_15 Datasheet HTML 7Page - Analog Devices ADV7192_15 Datasheet HTML 8Page - Analog Devices ADV7192_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
–3–
REV. A
ADV7192
5 V SPECIFICATIONS
1
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity3
1.0
LSB
Differential Nonlinearity
3
1.0
LSB
Guaranteed Monotonic
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
0
±1
µAV
IN = 0.4 V or 2.4 V
Input Capacitance, CIN
610
pF
Input Leakage Current
4
1
µA
Input Leakage Current5
200
µA
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V
ISOURCE = 400
µA
Output Low Voltage, VOL
0.8
0.4
V
ISINK = 3.2 mA
Three-State Leakage Current
6
10
µA
Three-State Leakage Current
7
200
µA
Three-State Output Capacitance
6
10
pF
ANALOG OUTPUTS
Output Current (Max)
4.125
4.33
4.625
mA
RL = 300
Output Current (Min)
2.16
mA
RL = 600
RSET1, RSET2 = 2400
DAC-to-DAC Matching
3
0.4
2.5
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
100
k
Output Capacitance, COUT
6pF
IOUT = 0 mA
VOLTAGE REFERENCE
Reference Range, VREF
8
1.112
1.235
1.359
V
POWER REQUIREMENTS
VAA
4.75
5.0
5.25
V
Normal Power Mode
IDAC (Max)
9
29
35
mA
ICCT (2
× Oversampling) 10, 11
80
120
mA
ICCT (4
× Oversampling)10, 11
120
170
mA
IPLL
610
mA
Sleep Mode
IDAC
0.01
µA
ICCT
85
µA
NOTES
1All measurements are made in 4
× Oversampling Mode unless otherwise specified.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3Guaranteed by characterization.
4For all inputs but PAL_NTSC and ALSB.
5For PAL_NTSC and ALSB inputs.
6For all outputs but
VSO/TTX/CLAMP.
7For
VSO/TTX/CLAMP output.
8Measurement made in 2
× Oversampling Mode.
9I
DAC is the total current required to supply all DACs including the V REF Circuitry.
10All six DACs ON.
11I
CCT or the circuit current, is the continuous current required to drive the digital core without I PLL.
Specifications subject to change without notice.
(VAA = 5 V, VREF = 1.235 V, RSET1,2 = 1200
unless otherwise noted. All specifications TMIN to TMAX
2
unless otherwise noted.)
SPECIFICATIONS


Similar Part No. - ADV7192_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192KST AD-ADV7192KST Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
More results

Similar Description - ADV7192_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com