Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36CAEDFA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F36CAEDFA
Description  RENESAS MCU
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAEDFA Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F36CAEDFA Datasheet HTML 1Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 2Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 3Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 4Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 5Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 6Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 7Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 8Page - Renesas Technology Corp R5F36CAEDFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 4 of 96
Jul 31, 2012
M16C/6C Group
1. Overview
1.3
Product List
Table 1.3 lists Product List. Figure 1.1 shows Part No., with Memory Size and Package, and Figure 1.2
shows Marking Diagram (Top View).
Table 1.3
Product List
As of July 2012
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36CAMNFA
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAMNFB
PLQP0100KB-A
R5F36CAMDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAMDFB
PLQP0100KB-A
R5F36CAKNFA
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAKNFB
PLQP0100KB-A
R5F36CAKDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAKDFB
PLQP0100KB-A
R5F36CAENFA
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAENFB
PLQP0100KB-A
R5F36CAEDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAEDFB
PLQP0100KB-A
R5F36CA6NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CA6NFB
PLQP0100KB-A
R5F36CA6DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CA6DFB
PLQP0100KB-A
(D): Under development
(P): Planning
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A


Similar Part No. - R5F36CAEDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36CAEDFA RENESAS-R5F36CAEDFA Datasheet
797Kb / 94P
   RENESAS MCU
R5F36CAEDFA RENESAS-R5F36CAEDFA Datasheet
769Kb / 99P
   This MCU consumes low power, and supports operating modes that allow additional
More results

Similar Description - R5F36CAEDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com