Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7310 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7310_15 Datasheet HTML 2Page - Analog Devices ADV7310_15 Datasheet HTML 3Page - Analog Devices ADV7310_15 Datasheet HTML 4Page - Analog Devices ADV7310_15 Datasheet HTML 5Page - Analog Devices ADV7310_15 Datasheet HTML 6Page - Analog Devices ADV7310_15 Datasheet HTML 7Page - Analog Devices ADV7310_15 Datasheet HTML 8Page - Analog Devices ADV7310_15 Datasheet HTML 9Page - Analog Devices ADV7310_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
REV. A
–6–
ADV7310/ADV7311
TIMING SPECIFICATIONS (V
AA = 2.375 V–2.625 V, VDD = 2.375 V–2.625 V; VDD_IO = 2.375 V–3.6 V, VREF = 1.235 V, RSET = 3040
,
RLOAD = 300
. All specifications TMIN to TMAX (0 C to 70 C), unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
MPU PORT
1
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
First clock generated after this period
Setup Time (Start Condition), t4
0.6
µs
relevant for repeated start condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
RESET Low Time
100
ns
ANALOG OUTPUTS
Analog Output Delay
2
7ns
Output Skew
1
ns
CLOCK CONTROL AND PIXEL PORT
3
fCLK
27
MHz
Progressive scan mode
fCLK
81
MHz
HDTV mode/async mode
Clock High Time, t9
40
% of one clk cycle
Clock Low Time, t10
40
% of one clk cycle
Data Setup Time, t11
1
2.0
ns
Data Hold Time, t12
1
2.0
ns
SD Output Access Time, t13
15
ns
SD Output Hold Time, t14
5.0
ns
HD Output Access Time, t13
14
ns
HD Output Hold Time, t14
5.0
ns
PIPELINE DELAY
4
63
clk cycles
SD [2 , 16 ]
76
clk cycles
SD component mode [16 ]
35
clk cycles
PS [1 ]
41
clk cycles
PS [8 ]
36
clk cycles
HD[2 , 1 ]
NOTES
1Guaranteed by characterization.
2Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of DAC output full-scale transition.
3Data: C[9:0]; Y[9:0], S[9:0]
Control:
P_HSYNC, P_VSYNC, P_BLANK, S_HSYNC, S_VSYNC, S_BLANK.
4SD, PS = 27 MHz, HD = 74.25 MHz.
Specifications subject to change without notice.


Similar Part No. - ADV7310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310KST AD-ADV7310KST Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com