Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL105 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL105
Description  High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL105 Datasheet(HTML) 5 Page - Analog Devices

  ADXL105_15 Datasheet HTML 1Page - Analog Devices ADXL105_15 Datasheet HTML 2Page - Analog Devices ADXL105_15 Datasheet HTML 3Page - Analog Devices ADXL105_15 Datasheet HTML 4Page - Analog Devices ADXL105_15 Datasheet HTML 5Page - Analog Devices ADXL105_15 Datasheet HTML 6Page - Analog Devices ADXL105_15 Datasheet HTML 7Page - Analog Devices ADXL105_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
–5–
ADXL105
SUPPLY VOLTAGE
500
26
34
5
450
400
350
300
250
200
150
Figure 8. Typical Noise Density vs. Supply Voltage
NOISE DENSITY –
g /
Hz
40
0
205
250
210
215
220
225
230
235
245
25
20
35
30
240
15
10
5
Figure 9. Noise Distribution*
DEGREES OF MISALIGNMENT
20
0
14
12
18
16
10
8
6
4
2
Figure 10. Rotational Die Alignment*
Figure 11. Typical Self-Test Response at VDD = 5 V
FREQUENCY – Hz
1
10000
10
100
1000
15
10
5
0
–5
–10
–15
100000
ADXL105 SOLDERED AND GLUED TO PCB
ADXL105 SOLDERED TO PCB
Figure 12. Frequency Response
FREQUENCY – Hz
1
10000
10
100
1000
400
300
200
100
0
–100
–200
100000
ADXL105 SOLDERED AND GLUED TO PCB
ADXL105 SOLDERED TO PCB
–300
Figure 13. Phase Response
*Data from several characterization lots.


Similar Part No. - ADXL105_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105AQC AD-ADXL105AQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105JQC AD-ADXL105JQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results

Similar Description - ADXL105_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
   Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com