Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL322 Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL322
Description  Small and Thin 2 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL322 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL322_15 Datasheet HTML 3Page - Analog Devices ADXL322_15 Datasheet HTML 4Page - Analog Devices ADXL322_15 Datasheet HTML 5Page - Analog Devices ADXL322_15 Datasheet HTML 6Page - Analog Devices ADXL322_15 Datasheet HTML 7Page - Analog Devices ADXL322_15 Datasheet HTML 8Page - Analog Devices ADXL322_15 Datasheet HTML 9Page - Analog Devices ADXL322_15 Datasheet HTML 10Page - Analog Devices ADXL322_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADXL322
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS (VS = 3.0 V)
35
30
25
0
5
10
15
20
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 5. X-Axis Zero g Bias at 25°C
40
35
30
25
0
5
10
15
20
–2.0
–1.5
–1.0
–0.5
0
2.0
1.5
1.0
0.5
TEMPERATURE COEFFICIENT (mg/
°C)
Figure 6. X-Axis Zero g Bias Temperature Coefficient
50
40
45
35
30
25
0
5
10
15
20
0.400 0.405 0.410 0.415 0.420 0.425 0.430 0.435 0.440 0.445 0.450
SENSITIVITY (V/g)
Figure 7. X-Axis Sensitivity at 25°C
40
35
30
25
0
5
10
15
20
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 8. Y-Axis Zero g Bias at 25°C
45
40
35
30
25
0
5
10
15
20
–2.0
–1.5
–1.0
–0.5
0
2.0
1.5
1.0
0.5
TEMPERATURE COEFFICIENT (mg/
°C)
Figure 9. Y-Axis Zero g Bias Temperature Coefficient
45
40
35
30
25
0
5
10
15
20
0.400 0.405 0.410 0.415 0.420 0.425 0.430 0.435 0.440 0.445 0.450
SENSITIVITY (V/g)
Figure 10. Y-Axis Sensitivity at 25°C


Similar Part No. - ADXL322_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL322EB AD-ADXL322EB Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL322JCP AD-ADXL322JCP Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL322JCP-REEL AD-ADXL322JCP-REEL Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
More results

Similar Description - ADXL322_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
   Small and Thin 18 g Accelerometer
REV. 0
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com