Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL323 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL323
Description  Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL323 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL323_15 Datasheet HTML 6Page - Analog Devices ADXL323_15 Datasheet HTML 7Page - Analog Devices ADXL323_15 Datasheet HTML 8Page - Analog Devices ADXL323_15 Datasheet HTML 9Page - Analog Devices ADXL323_15 Datasheet HTML 10Page - Analog Devices ADXL323_15 Datasheet HTML 11Page - Analog Devices ADXL323_15 Datasheet HTML 12Page - Analog Devices ADXL323_15 Datasheet HTML 13Page - Analog Devices ADXL323_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADXL323
Rev. 0 | Page 10 of 16
600
500
400
300
200
100
0
06
5
4
3
2
1
SUPPLY (V)
Figure 29. Typical Current Consumption vs. Supply Voltage
CH1 1.00V B
W CH2 500mV
B
W
CH3 500mV
CH4 500mV
M1.00ms
A CH1
300mV
4
3
2
1
T 9.400%
T
Figure 30. Typical Turn-On Time; CX, CY = 0.0047 μF, VS = 3 V


Similar Part No. - ADXL323_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL323KCPZ AD-ADXL323KCPZ Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL323KCPZ-RL AD-ADXL323KCPZ-RL Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
More results

Similar Description - ADXL323_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com