Electronic Components Datasheet Search |
|
RJK1054DPB Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
RJK1054DPB Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page RJK1054DPB Preliminary R07DS0093EJ0300 Rev.3.00 Page 2 of 6 Apr 11, 2013 Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test Conditions Drain to source breakdown voltage V(BR)DSS 100 — — V ID = 10 mA, VGS = 0 V Gate to source leak current IGSS — — 0.1 A VGS = 20 V, VDS = 0 V Zero gate voltage drain current IDSS — — 1 A VDS = 100 V, VGS = 0 V Gate to source cutoff voltage VGS(off) 2.0 — 4.0 V VDS = 10 V, ID = 1 mA Static drain to source on state resistance RDS(on) — 17 22 m ID = 10 A, VGS = 10 V Note4 Forward transfer admittance |yfs| — 32 — S ID = 10 A, VDS = 10 V Note4 Input capacitance Ciss — 2000 — pF Output capacitance Coss — 350 — pF Reverse transfer capacitance Crss — 80 — pF VDS = 10 V, VGS = 0 V, f = 1 MHz Gate Resistance Rg — 0.5 — Total gate charge Qg — 27 — nC Gate to source charge Qgs — 9.0 — nC Gate to drain charge Qgd — 4.5 — nC VDD = 50 V, VGS = 10 V, ID = 20 A Turn-on delay time td(on) — 12 — ns Rise time tr — 3.8 — ns Turn-off delay time td(off) — 32 — ns Fall time tf — 5.4 — ns VGS = 10 V, ID = 10 A, VDD 30 V, RL = 3 , Rg = 4.7 Body–drain diode forward voltage VDF — 0.8 1.1 V IF = 20 A, VGS = 0 V Note4 Body–drain diode reverse recovery time trr — 48 — ns IF = 20 A, VGS = 0 V diF/ dt = 100 A/ s Notes: 4. Pulse test |
Similar Part No. - RJK1054DPB_15 |
|
Similar Description - RJK1054DPB_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |