Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR08AS-8 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # CR08AS-8
Description  Low Power Use Non-Insulated Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CR08AS-8 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  CR08AS-8 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Type
Thyristor
CR08AS
4
www.kexin.com.cn
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
160
120
60
40
20
140
100
80
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
θ
360°
θ
= 180°
65°C/W
90°C/W
Rth(j – a) = 200°C/W
NATURAL
CONVECTION
RESISTIVE,
INDUCTIVE
LOADS
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120140
–20
20
60
100
RGK = 1kΩ
TYPICAL EXAMPLE
1.6
1.2
0.6
0.4
0.2
1.4
1.0
0.8
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ
= 30° 60°
120°
90°
180°
θ
θ
360°
RESISTIVE LOADS
1.6
1.2
0.6
0.4
0.2
1.4
1.0
0.8
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ
= 30° 60° 120°
90° 180°
270°
DC
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
160
120
60
40
20
140
100
80
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ
θ
360°
θ
= 30°
120°
90°
180°
60°
RESISTIVE LOADS
NATURAL
CONVECTION
ALUMINUM BOARD
WITH SOLDERING
25 25 t0.7
160
120
60
40
20
140
100
80
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
DC
θ
= 30°
120°
180°
270°
60°
90°
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
ALUMINUM BOARD
WITH SOLDERING
25 25 t0.7


Similar Part No. - CR08AS-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR08AS-12 RENESAS-CR08AS-12 Datasheet
245Kb / 9P
   Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A Datasheet
145Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
May 22, 2013
CR08AS-12A-T14 RENESAS-CR08AS-12A-T14 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A_13 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A_15 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
More results

Similar Description - CR08AS-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR08AS POWEREX-BCR08AS Datasheet
63Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR3AS MITSUBISHI-BCR3AS Datasheet
86Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR2AM MITSUBISHI-CR2AM Datasheet
72Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
BCR08AS-8 MITSUBISHI-BCR08AS-8 Datasheet
101Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR3AS POWEREX-BCR3AS Datasheet
86Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AS RENESAS-BCR08AS_15 Datasheet
122Kb / 8P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR05AS MITSUBISHI-CR05AS Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com