Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1A60 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTA1A60
Description  4 Quadrants Sensitive TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1A60 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1A60 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1A60 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTA1A60 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Thyristor
4 Quadrants Sensitive TRIAC
KTA1A60/KTA1A80
Features
Repetitive Peak Off-State Voltage : 600V/800V
R.M.S On–State Current (IT(RMS) = 1A)
Sensitive Gate Trigger Current
- 5[mA] of IGT at I, II and III Quadrants.
- 12[mA] of IGT at IV Quadrant.
1 Main Terminal 1
2 Main Terminal 2
3 Gate
T1
T2
G
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
KTA1A60
KTA1A80
Unit
Peak Repetitive Forward and Reverse Blocking Voltages
VDRM VRRM
600
800
V
Average On-State Current @ Full sine wave, Tc = 72℃
IT(AV)
RMS on-state Current @ Full sine wave, Tc = 72℃
IT(RMS)
Surge On-State Current @ 1/2 cycle, 50Hz/60Hz
Sine Wave Non-Repetitive
Circuit Fusing Considerations @ t = 10ms
I2t
A2s
Forward Peak Gate Current @ TJ = 125 °C, pulse width ≤ 20us
IFGM
A
Peak Gate Voltage @ TJ = 125 °C, pulse width ≤ 20us
VGM
V
Peak Gate Power @ TJ = 125 °C
PGM
Average Gate Power @ TJ = 125 °C, over any 20ms
PG(AV)
Thermal Resistance Junction to Ambient
RthJA
Thermal Resistance Junction to Case
RthJC
junction Temperature
TJ
Storage Temperature range
Tstg
ITSM
W
0.7
0.5
6
0.2
A
12/13
K/W
125
-40 to 150
2
150
48
0.9
1
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1
2
3
0.250
Gauge Plane
4
4 Main Terminal 2


Similar Part No. - KTA1A60

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF KEXIN-KTA1A60-HF Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results

Similar Description - KTA1A60

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
   4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTK1A60 SEMIHOW-HTK1A60 Datasheet
423Kb / 5P
   4 Quadrants Sensitive TRIAC
logo
Tiger Electronic Co.,Lt...
Z0107MN TGS-Z0107MN Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com