Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1A60-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTA1A60-HF
Description  4 Quadrants Sensitive TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1A60-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1A60-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1A60-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTA1A60-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Thyristor
4 Quadrants Sensitive TRIACS
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
Note.1: Pulse Width ≤ 1.0ms, Duty Cycle ≤ 1%
Typical Characterisitics
Fig 1. R.M.S. current vs. Power dissipation
Fig 2. R.M.S. current vs. Case temperature
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
180o
150o
120o
90o
60o
30o
R.M.S. on state current, I
T(RMS) [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
70
80
90
100
110
120
130
180o
150o
120o
90o
60o
30o
R.M.S. on state current, I
T(RMS) [A]
Parameter
Symbol
Min Typ. Max
Unit
Repetitive Peak Off-State Voltage
VDRM
KTA1A60
600
Repetitive Peak Reverse Voltage
VRRM
KTA1A80
800
TJ = 25℃
50
uA
TJ = 125℃
5
mA
TJ = 25℃
50
uA
TJ = 125℃
5
mA
On-state Voltage
VTM
1.2
1.6
1+,1-,3-
1.5
3+
2
1+,1-,3-
5
3+
12
Holding Current
IH
5
Critical Rate of rise of off-state Voltage
dV/dt
10
V/us
Non-Trigger Gate Voltage
(Note.1)
VGD
0.2
V
Repetitive Peak Reverse Current
Repetitive Peak Off-State Current
IDRM
IRRM
VD = 2/3 VDRM,TJ = 125℃
mA
VD = 12V, RL=330Ω, TJ=125℃
Sine wave, 50/60Hz, Gate open
V
IT=200mA
VDRM=VRRM
Test Conditions
IT=1.4A,IG=20mA
V
Gate Trigger Voltage
VGT
VD=12V, RL=330Ω
VD=12V, RL=330Ω
IGT
Gate Trigger Current
hFE Classification
Marking
NO
KTA1A60-HF
KTA1A80-HF
Marking
1A60 F
1A80 F
KTA1A60-HF/KTA1A80-HF


Similar Part No. - KTA1A60-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results

Similar Description - KTA1A60-HF

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
   4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTK1A60 SEMIHOW-HTK1A60 Datasheet
423Kb / 5P
   4 Quadrants Sensitive TRIAC
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com