Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4500SB Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # P4500SB
Description  Thyristor Surge Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

P4500SB Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  P4500SB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd P4500SB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd P4500SB Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Thyristor
Thyristor Surge Suppressors
P0080SB ~ P5000SB
Typical Characterisitics
Peak
Value
Waveform=t X
r
td
tr=rise time to peak value
Value
100
50
50
t
tr
t
td
0
t –Time (µs)
-40 -20 0
20
40
60 80 100 120 140 160
Junction Temperature (TJ) -
14
12
10
8
6
4
2
9
-4
-6
-8
-40 -20
0
20
40
60
80 100 120 140 160
Case Temperature (TC) -
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
IT
IS
IH
IDRM
VT
VDRM
VS
+I
-I
-V
+V
Figure 1 - V-I Characteristics
Figure 3 - Normalized VS Change Versus Junction
Temperature
Figure 4 - Normalized DC Holding Current Versus Case
Temperature
Figure 2 - tr × td Pulse Waveform
25℃
0
t – Time (μs)
td=decay time to half value
Half Value
25℃


Similar Part No. - P4500SB

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P4500SB SOCAY-P4500SB Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
SUNMATE electronic Co.,...
P4500SB SUNMATE-P4500SB Datasheet
471Kb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
Shenzhen Saite Microele...
P4500SB PHY-P4500SB Datasheet
539Kb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
DONGGUAN YOU FENG WEI E...
P4500SB YFWDIODE-P4500SB Datasheet
413Kb / 3P
   Thyristors Surge ProtectionDevice
logo
TECH PUBLIC Electronics...
P4500SB TECHPUBLIC-P4500SB Datasheet
2Mb / 4P
   Thyristor Surge Suppresspr
More results

Similar Description - P4500SB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com