Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE2301B Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2301B
Description  NCE P-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2301B Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2301B Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301B Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301B Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301B Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301B Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301B Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301B Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE2301B
Pb Free Product
http://www.ncepower.com
NCE P-Channel Enhancement Mode Power MOSFET
Description
The NCE2301B uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 1.8V. This device is suitable for use as a
load switch or in PWM applications.
General Features
VDS = -20V,ID = -2.6A
RDS(ON) < 160mΩ @ VGS=-2.5V
RDS(ON) < 120mΩ @ VGS=-4.5V
High power and current handing capability
Lead free product is acquired
Surface mount package
Application
PWM applications
Load switch
D
G
S
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2301B
NCE2301B
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
-2.6
A
Drain Current -Pulsed
(Note 1)
IDM
-13
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
138
/W
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-
-
-1
μA


Similar Part No. - NCE2301B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE2301B VBSEMI-NCE2301B Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NCE2301B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM40P07 RECTRON-RM40P07 Datasheet
236Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE3401A NCEPOWER-NCE3401A Datasheet
265Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE3407A NCEPOWER-NCE3407A Datasheet
288Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com