Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1001DPP-E0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK1001DPP-E0
Description  N-Channel MOS FET 100 V, 80 A, 5.5 m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1001DPP-E0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK1001DPP-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK1001DPP-E0
Preliminary
R07DS0625EJ0200 Rev.2.00
Page 2 of 6
Oct 17, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
100
V
ID = 10mA, VGS = 0
Gate to source leak current
IGSS
±0.1
A
VGS = 20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 100 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
4.4
5.5
m
ID = 40 A, VGS = 10 V
Note4
Forward transfer admittance
|yfs|
150
S
ID = 40 A, VD = 10 V
Note4
Input capacitance
Ciss
10000
pF
Output capacitance
Coss
1500
pF
Reverse transfer capacitance
Crss
370
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.6
Total gate charge
Qg
147
nC
Gate to source charge
Qgs
50
nC
Gate to drain charge
Qgd
45
nC
VDD= 50 V
VGS = 10 V,
ID = 40 A
Turn-on delay time
td(on)
53
ns
Rise time
tr
20
ns
Turn-off delay time
td(off)
110
ns
Fall time
tf
22
ns
VGS = 10 V
ID = 40 A
VDD  30 V
Rg = 4.7
Body-drain diode forward voltage
VDF
0.85
1.5
V
IF = 80 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
75
ns
IF = 80 A, VGS = 0
diF/dt = 100 A/s
Notes: 4. Pulse test


Similar Part No. - RJK1001DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0-T2 RENESAS-RJK1001DPP-E0-T2 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
More results

Similar Description - RJK1001DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m?
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m?
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
   N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0 Datasheet
89Kb / 7P
   N-Channel MOS FET 60 V, 100 A, 3.9 m.
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1003DPP-E0 RENESAS-RJK1003DPP-E0 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 50 A, 11 m
RJK1003DPN-E0 RENESAS-RJK1003DPN-E0_15 Datasheet
89Kb / 7P
   N-Channel MOS FET 100 V, 50 A, 11 m?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com