Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1001DPP-E0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK1001DPP-E0
Description  N-Channel MOS FET 100 V, 80 A, 5.5 m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1001DPP-E0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK1001DPP-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK1001DPP-E0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK1001DPP-E0
Preliminary
R07DS0625EJ0200 Rev.2.00
Page 3 of 6
Oct 17, 2012
Main Characteristics
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
100
80
60
40
20
0
24
6
8
Case Temperature Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
200
100
0
4
8
12
16
20
1
10
100
1000
1
10
100
0.1
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Drain to Source on State Resistance
vs. Drain Current
500
300
300
ID = 10 A
Pulse Test
VGS = 10 V
Pulse Test
100
10
1
0.1
1
10
1000
0.01
0.1
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
100
VGS = 4.6 V
Pulse Test
5 V
6 V
5.4 V
10 V
Tc = 75
°C
25
°C
−25°C
VDS = 10 V
Pulse Test
40 A
20 A
Operation in this
area is limited by
R
DS(on)
10
μs
100
μs
50
40
30
20
10
0
50
100
150
200
Tc = 25
°C
1 shot pulse
DC Operation


Similar Part No. - RJK1001DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0-T2 RENESAS-RJK1001DPP-E0-T2 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
More results

Similar Description - RJK1001DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m?
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0_15 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m?
RJK0603DPN-E0 RENESAS-RJK0603DPN-E0 Datasheet
88Kb / 7P
   N-Channel MOS FET 60 V, 80 A, 5.2 m
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
   N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0 Datasheet
89Kb / 7P
   N-Channel MOS FET 60 V, 100 A, 3.9 m.
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1003DPP-E0 RENESAS-RJK1003DPP-E0 Datasheet
92Kb / 7P
   N-Channel MOS FET 100 V, 50 A, 11 m
RJK1003DPN-E0 RENESAS-RJK1003DPN-E0_15 Datasheet
89Kb / 7P
   N-Channel MOS FET 100 V, 50 A, 11 m?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com