Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51951A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RNA51951A
Description  Voltage Detecting, System Resetting IC Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51951A Datasheet(HTML) 1 Page - Renesas Technology Corp

  RNA51951A_15 Datasheet HTML 1Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 2Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 3Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 4Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 5Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 6Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 7Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 8Page - Renesas Technology Corp RNA51951A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R03DS0003EJ0400 Rev.4.00
Page 1 of 9
Jul 03, 2012
Preliminary Datasheet
RNA51951A, B
Voltage Detecting, System Resetting IC Series
Description
RNA51951A,B are semiconductor integrated circuits designed for detecting supply voltage and resetting all types of
logic circuits such as CPUs.
They include a built-in delay circuit to provide a retardation time (200
s Typ).
They fined extensive applications, including battery checking circuit, level detecting circuit and waveform shaping
circuit.
Features
 Few external parts
 Low threshold operating voltage (Supply voltage to keep low-state at low supply voltage):
0.6 V (Typ) at RL = 22 k
 Wide supply voltage range: 2 V to 17 V
 Wide application range
 Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RNA51951AFPH0
SOP-8 pin
PRSP0008DE-C
FP
H (2,500 pcs / Reel)
0 (Ni/Pd/Au)
RNA51951APT0
DIP-8 pin
PRDP0008AF-B
P
T (1,000 pcs / Box)
0 (Ni/Pd/Au)
RNA51951AUPH1
UPAK
PLZZ0004CA-A
UP
H (1,000 pcs / Reel)
1 (Sn-Bi)
RNA51951BFPH0
SOP-8 pin
PRSP0008DE-C
FP
H (2,500 pcs / Reel)
0 (Ni/Pd/Au)
RNA51951BPT0
DIP-8 pin
PRDP0008AF-B
P
T (1,000 pcs / Box)
0 (Ni/Pd/Au)
RNA51951BUPH1
UPAK
PLZZ0004CA-A
UP
H (1,000 pcs / Reel)
1 (Sn-Bi)
Application
 Reset circuit of Pch, Nch, CMOS, microcomputer, CPU and MCU, Reset of logic circuit, Battery check circuit,
switching circuit back-up voltage, level detecting circuit, waveform shaping circuit, delay waveform generating
circuit, DC/DC converter, over voltage protection circuit
Recommended Operating Condition
 Supply voltage range: 2 V to 17 V
R03DS0003EJ0400
Rev.4.00
Jul 03, 2012


Similar Part No. - RNA51951A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51951AFPH0 RENESAS-RNA51951AFPH0 Datasheet
118Kb / 10P
   Voltage Detecting, System Resetting IC Series
RNA51951APT0 RENESAS-RNA51951APT0 Datasheet
118Kb / 10P
   Voltage Detecting, System Resetting IC Series
RNA51951AUPH1 RENESAS-RNA51951AUPH1 Datasheet
118Kb / 10P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51951A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com