Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS400T1 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1SS400T1
Description  200mA Surface Mount High Speed Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS400T1 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1SS400T1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS400T1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820 W
0.1 mF
DUT
VR
100 mH
0.1 mF
50 W OUTPUT
PULSE
GENERATOR
50 W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, REVERSE VOLTAGE (VOLTS)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
0
0.68
0.64
0.60
0.52
0.56
2.0
4.0
6.0
8.0
TA = 85°C
TA = −40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C


Similar Part No. - 1SS400T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
1SS400T1G ONSEMI-1SS400T1G Datasheet
97Kb / 3P
   High-Speed Switching Diode
June, 2010 ??Rev. 6
More results

Similar Description - 1SS400T1

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
   200mA Surface Mount Switching Diode
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
   200mA Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
   200mA Surface Mount Switching Diode - 100V
BAS20H WILLAS-BAS20H Datasheet
332Kb / 3P
   200mA Surface Mount Switching Diode-200V
MMDL6050 WILLAS-MMDL6050 Datasheet
327Kb / 3P
   200mA Surface Mount Switching Diode - 70V
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
   200mA Surface Mount Switching Diode-250V
logo
SUNMATE electronic Co.,...
BAS19-V SUNMATE-BAS19-V Datasheet
97Kb / 1P
   200mA Surface Mount Small Signal Switching Diode
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
   200mA Speed Switching Diode-100V
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
   SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150 Datasheet
52Kb / 2P
   SURFACE MOUNT HIGH SPEED SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com