Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP37 Datasheet(PDF) 5 Page - Analog Devices

Part # OP37
Description  Low Noise, Precision, High Speed Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37 Datasheet(HTML) 5 Page - Analog Devices

  OP37_15 Datasheet HTML 1Page - Analog Devices OP37_15 Datasheet HTML 2Page - Analog Devices OP37_15 Datasheet HTML 3Page - Analog Devices OP37_15 Datasheet HTML 4Page - Analog Devices OP37_15 Datasheet HTML 5Page - Analog Devices OP37_15 Datasheet HTML 6Page - Analog Devices OP37_15 Datasheet HTML 7Page - Analog Devices OP37_15 Datasheet HTML 8Page - Analog Devices OP37_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
OP37
–5–
Wafer Test Limits
OP37NT
OP37N
OP37GT
OP37G
OP37GR
Parameter
Symbol
Conditions
Limit
Limit
Limit
Limit
Limit
Unit
Input Offset
Voltage
VOS
Note 1
60
35
200
60
100
mV MAX
Input Offset
Current
IOS
50
35
85
50
75
nA MAX
Input Bias
Current
IB
±60
±40
±95
±55
±80
nA MAX
Input Voltage
Range
IVR
±10.3
±11
±10.3
±11
±11
V MIN
Common Mode
Rejection Ratio
CMRR
VCM =
±11 V 108
114
100
106
100
dB MIN
Power Supply
Rejection Ratio
PSRR
TA = 25
∞C,
VS =
±4 V to
±18 V
10
10
1010
20
mV/V MAX
TA = 125
∞C,
VS =
±4.5 V to
±18 V
16
20
mV/V MAX
Large-Signal
Voltage Gain
AVO
RL
≥ 2 kW,
VO =
±10 V
600
1000
500
1000
700
V/mV MIN
RL
≥ 1 kW,
VO =
±10 V
800
800
V/mV MIN
Output Voltage
Swing
VO
RL
≥ 2 kW±11.5
±12
±11
±12
±11.5
V MIN
RL
≥ 600 kW±10
±10
±10
V MIN
Power
Consumption
Pd
VO = 0
140
140
170
mW MAX
NOTES
For 25
∞C characterlstics of OP37NT and OP37GT devices, see OP37N and OP37G characteristics, respectively.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
(VS =
15 V, TA = 25 C for OP37N, OP37G, and OP37GR devices; TA = 125 C for OP37NT and OP37GT devices,
unless otherwise noted.)
BINDING DIAGRAM
1
2
3
4
6
8
7
1427U
1990
1. NULL
2. (–) INPUT
3. (+) INPUT
4. V–
6. OUTPUT
7. V+
8. NULL


Similar Part No. - OP37_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP37A TI-OP37A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP37AFK TI-OP37AFK Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
OP37AJ MAXIM-OP37AJ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Texas Instruments
OP37AJG TI-OP37AJG Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP37AP TI-OP37AP Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - OP37_15

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
REV. A
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
[Old version datasheet]   Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-37 AD-OP-37 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION, HIGH SPEED OPERATIONAL AMPLIFIER(AVCL>=5)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com