Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77 Datasheet(PDF) 8 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP77_15 Datasheet HTML 4Page - Analog Devices OP77_15 Datasheet HTML 5Page - Analog Devices OP77_15 Datasheet HTML 6Page - Analog Devices OP77_15 Datasheet HTML 7Page - Analog Devices OP77_15 Datasheet HTML 8Page - Analog Devices OP77_15 Datasheet HTML 9Page - Analog Devices OP77_15 Datasheet HTML 10Page - Analog Devices OP77_15 Datasheet HTML 11Page - Analog Devices OP77_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP77
Rev. E | Page 8 of 16
100
80
60
40
20
0
–20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 9. Closed-Loop Response for Various Gain Configurations
160
140
120
100
80
60
40
20
0
0
45
90
135
180
0.01
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 10. Open-Loop Gain/Phase Response
150
140
130
120
110
100
90
80
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
Figure 11. CMRR vs. Frequency
130
120
110
100
90
80
70
60
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
TA = 25°C
Figure 12. PSRR vs. Frequency
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 13. Input Bias Current vs. Temperature
2.0
1.5
1.0
0.5
0
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 14. Input Offset Current vs. Temperature


Similar Part No. - OP77_15

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
TT Electronics.
OP770A TTELEC-OP770A Datasheet
1Mb / 6P
   NPN Silicon Phototransistor
logo
OPTEK Technologies
OP770B OPTEK-OP770B Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
TT Electronics.
OP770B TTELEC-OP770B Datasheet
1Mb / 6P
   NPN Silicon Phototransistor
logo
OPTEK Technologies
OP770C OPTEK-OP770C Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
More results

Similar Description - OP77_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77_02 Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com