Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP221 Datasheet(PDF) 5 Page - Analog Devices

Part # OP221
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221 Datasheet(HTML) 5 Page - Analog Devices

  OP221_15 Datasheet HTML 1Page - Analog Devices OP221_15 Datasheet HTML 2Page - Analog Devices OP221_15 Datasheet HTML 3Page - Analog Devices OP221_15 Datasheet HTML 4Page - Analog Devices OP221_15 Datasheet HTML 5Page - Analog Devices OP221_15 Datasheet HTML 6Page - Analog Devices OP221_15 Datasheet HTML 7Page - Analog Devices OP221_15 Datasheet HTML 8Page - Analog Devices OP221_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. C
OP221
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP221 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage . . . . . . . . . . 30 V or Supply Voltage
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP221G . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Lead Temperature (Soldering 60 sec) . . . . . . . . . . . . . . 300
∞C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
∞C to +150∞C
Figure 1. Dice Characteristics
Package Type
JA (Note 2)
JC
Unit
8-Lead SOIC(S)
158
43
∞C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
JA is specified for device soldered to printed circuit board for SOIC package.
ORDERING GUIDE
TA = +25 C
Operating
Package
VOS MAX
Plastic
Temperature
Options
( V)
8-Lead
Range
150
150
300
500
500
500
OP221GS
XIND
RN-8


Similar Part No. - OP221_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP221AZ AD-OP221AZ Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221EZ AD-OP221EZ Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GJ AD-OP221GJ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GP AD-OP221GP Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GS AD-OP221GS Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
More results

Similar Description - OP221_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GJ AD-OP221GJ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-421 AD-OP-421_15 Datasheet
267Kb / 6P
   QUAD LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com