Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP296 Datasheet(PDF) 2 Page - Analog Devices

Part # OP296
Description  Micropower RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP296 Datasheet(HTML) 2 Page - Analog Devices

  OP296_15 Datasheet HTML 1Page - Analog Devices OP296_15 Datasheet HTML 2Page - Analog Devices OP296_15 Datasheet HTML 3Page - Analog Devices OP296_15 Datasheet HTML 4Page - Analog Devices OP296_15 Datasheet HTML 5Page - Analog Devices OP296_15 Datasheet HTML 6Page - Analog Devices OP296_15 Datasheet HTML 7Page - Analog Devices OP296_15 Datasheet HTML 8Page - Analog Devices OP296_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OP196/OP296/OP496–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP196G, OP296G, OP496G
35
300
µV
–40
°C ≤ TA ≤ +125°C
650
µV
OP296H, OP496H
800
µV
–40
°C ≤ TA ≤ +125°C
1.2
mV
Input Bias Current
IB
–40
°C ≤ TA ≤ +125°C
±10
±50
nA
Input Offset Current
IOS
±1.5
±8nA
–40
°C ≤ TA ≤ +125°C
±20
nA
Input Voltage Range
VCM
05.0
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ VCM ≤ 5.0 V,
–40
°C ≤ T
A
≤ +125°C65
dB
Large Signal Voltage Gain
AVO
RL = 100 k
Ω,
0.30 V
≤ VOUT ≤ 4.7 V,
–40
°C ≤ T
A
≤ +125°C
150
200
V/mV
Long-Term Offset Voltage
VOS
G Grade, Note 1
550
µV
H Grade, Note 1
1
mV
Offset Voltage Drift
∆V
OS/
∆T
G Grade, Note 2
1.5
µV/°C
H Grade, Note 2
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 100
µA
4.85
4.92
V
IL = 1 mA
4.30
4.56
V
IL = 2 mA
4.1
V
Output Voltage Swing Low
VOL
IL = –
36
70
mV
IL = –1 mA
350
550
mV
IL = –2 mA
750
mV
Output Current
IOUT
±4mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±2.5 V ≤ VS ≤ ±6 V,
–40
°C ≤ T
A
≤ +125°C85
dB
Supply Current per Amplifier
ISY
VOUT = 2.5 V, RL =
60
µA
–40
°C ≤ TA ≤ +125°C45
80
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
0.3
V/
µs
Gain Bandwidth Product
GBP
350
kHz
Phase Margin
øm
47
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.8
µV p-p
Voltage Noise Density
en
f = 1 kHz
26
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.19
pA/
√Hz
NOTES
1Long-term offset voltage is guaranteed by a 1,000 hour life test performed on three independent lots at 12 5
°C, with an LTPD of 1.3.
2Offset voltage drift is the average of the –40
°C to +25°C delta and the +25°C to +125°C delta.
Specifications subject to change without notice.
–2–
(@ VS = 5.0 V, VCM = 2.5 V, TA = 25 C, unless otherwise noted.)
REV.
+
E
100 μA


Similar Part No. - OP296_15

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP296A OPTEK-OP296A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP296A OPTEK-OP296A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP296A TTELEC-OP296A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP296AA TTELEC-OP296AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP296AB TTELEC-OP296AB Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP296_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com