Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAY135 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAY135
Description  200mA Axial Leaded Small Signal Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAY135 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAY135 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAY135 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Axial Leaded Small Signal Switching Diodes
1of2
Features
·
·
·
@ TA = 25
°C unless otherwise specified
Features
·
·
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
·Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Very low reverse current
Silicon Planar Diode
and WEEE 2002/96/EC
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
·
·
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage,
non repetitive
VRSM
140
V
Repetitive peak reverse voltage
VRRM
140
V
Reverse voltage
VR
125
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Average forward current
f = 50 Hz
IFAV
200
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
E
≤ 300 lx, V
R
IR
3nA
E
≤ 300 lx, V
R, Tj = 125 °C
IR
0.5
µA
E
≤ 300 lx, V
R = 60 V
IR
1nA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
V(BR)
140
V
Diode capacitance
VR = 0, f = 1 MHz
CD
5pF
BAY135


Similar Part No. - BAY135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
   Silicon Planar Diode
Rev. 3, 18-Mar-99
BAY135 VISHAY-BAY135 Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
BAY135 VISHAY-BAY135 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
BAY135-TAP VISHAY-BAY135-TAP Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
BAY135-TR VISHAY-BAY135-TR Datasheet
113Kb / 4P
   Small Signal Switching Diode, High Voltage
Rev. 1.7, 19-Feb-07
More results

Similar Description - BAY135

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
   0.2A Axial Leaded Small Signal Schottky Diodes
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
   200mA Axial Leaded Schottky Barrier Diodes
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
   0.1A Axial Leaded Small Signal Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
   200mA Axial Leaded Fast Switching Diode
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
   0.1/0.2A Axial Leaded Small Signal Switching Diode
logo
Chip Integration Techno...
BAT42WS CITC-BAT42WS Datasheet
90Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
   200mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com