Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP495 Datasheet(PDF) 5 Page - Analog Devices

Part # OP495
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP495 Datasheet(HTML) 5 Page - Analog Devices

  OP495_15 Datasheet HTML 1Page - Analog Devices OP495_15 Datasheet HTML 2Page - Analog Devices OP495_15 Datasheet HTML 3Page - Analog Devices OP495_15 Datasheet HTML 4Page - Analog Devices OP495_15 Datasheet HTML 5Page - Analog Devices OP495_15 Datasheet HTML 6Page - Analog Devices OP495_15 Datasheet HTML 7Page - Analog Devices OP495_15 Datasheet HTML 8Page - Analog Devices OP495_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP295/OP495
Rev. G | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter1
Rating
Supply Voltage
±18 V
Input Voltage
±18 V
Differential Input Voltage2
36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
P, S Packages
−65°C to +150°C
Operating Temperature Range
OP295G, OP495G
–40°C to +125°C
Junction Temperature Range
P, S Packages
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for worst case mounting conditions; that is, θJA
is specified for device in socket for PDIP; θJA is specified for
device soldered to printed circuit board for SOIC package.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead PDIP (N-8)
103
43
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
14-Lead PDIP (N-14)
83
39
°C/W
16-Lead SOIC_W (RW-16)
98
30
°C/W
ESD CAUTION
1 Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2 For supply voltages less than ±18 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - OP495_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP495GBC AD-OP495GBC Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP495GP AD-OP495GP Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP495GP AD-OP495GP Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495GPZ AD-OP495GPZ Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495GS AD-OP495GS Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
More results

Similar Description - OP495_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com