Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECO650UPSM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # ECO650UPSM
Description  ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, Muted Alarm and 8 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ECO650UPSM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  ECO650UPSM_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ECO650UPSM_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved ECO650UPSM_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved ECO650UPSM_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECO Series 120V 650VA 325W Energy-Saving
Standby UPS with USB port, Muted Alarm and 8
Outlets
MODEL NUMBER: ECO650UPSM
Description
The ECO650UPSM standby green UPS offers complete protection from blackouts, brownouts and transient
surges. Supports green energy savings via built-in Eco outlets that automatically power off unused computer accessories like printers or multi-media speakers
when the computer is not in use. Full load efficiency rating of 99% also offers energy-savings and cooler operation by limiting UPS power consumption to less
than 4 watts! Eco-friendly design meets strict RoHS environmental standards. Provides uninterrupted transition to battery-derived AC output during brownouts
and power failures with enough runtime to save and shutdown connected equipment without data loss. Offers complete protection in an ultra-compact desktop
or wall-mountable housing. Includes 4 battery supported outlets for computer, monitor and two vital system peripheral, plus 4 additional surge
suppression-only outlets for accessories not requiring battery support. Three of the surge-only outlets are designated Eco outlets that can be configured to
automatically power-off when the computer enters standby mode or is shutdown. USB port enables UPS configuration options and unattended system
shutdown without data loss in the case of extended power failure. PowerAlert software is available via free download from www.tripplite.com. USB cable
included. Built-in single line RJ11 phone suppression protects modem, fax machine, cordless phone or other accessories with a dialup/DSL phone connection.
Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation. 650VA / 325 watt power handling
ability supports a 60 watt PC with monitor for up to 30 minutes during power fail conditions. $100,000 connected equipment insurance (USA, Puerto Rico, &
Canada Only).
Features
ECO650UPSM standby green UPS offers complete protection from blackouts, brownouts and transient surges
Built-in Eco outlets automatically power off unnecessary computer accessories like printers, scanners and speakers when computer is not in use
Audible alarm is completely muted from the factory
Full load efficiency rating of 99% saves energy and heat output by limiting UPS power consumption to less than 4 watts with only 14 BTU/hr. of heat
output
Eco-friendly design meets strict RoHS (Restriction of Hazardous Substances) environmental standards
650VA / 325 watt UPS provides battery-derived AC output during brownouts and power failures to support 60 watt PC with monitor up to 30 minutes
Ultra compact UPS supports a variety of placement options for desktop or wallmount use
Includes 4 UPS supported outlets for computer, monitor and 2 vital system peripherals requiring uninterrupted power
Highlights
650VA ultra-compact 120V
standby UPS, energy-saving
ECO outlets
Maintains AC output during power
failures, 99% line mode efficiency
ECO option turns off set of three
outlets when the computer is not
in use
USB port, TEL/DSL protection,
Wall mountable, Surge-only
outlets
Audible alarm is muted for
full-time silent operation
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
ECO650UPSM UPS System
USB cable
Instruction manual
1 / 4


Similar Part No. - ECO650UPSM_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650UPSM TRIPPLITE-ECO650UPSM Datasheet
519Kb / 4P
   Eco 650VA Energy-saving Standby 120V UPS
More results

Similar Description - ECO650UPSM_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650LCD TRIPPLITE-ECO650LCD_15 Datasheet
533Kb / 5P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO900UPSM TRIPPLITE-ECO900UPSM Datasheet
520Kb / 4P
   Eco 900VA Energy-saving Standby 120V UPS with USB port and muted alarm
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA_15 Datasheet
535Kb / 5P
   TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO650LCD TRIPPLITE-ECO650LCD Datasheet
532Kb / 5P
   ECO 650VA Energy-saving 120V Standby UPS
ECO650UPSM TRIPPLITE-ECO650UPSM Datasheet
519Kb / 4P
   Eco 650VA Energy-saving Standby 120V UPS
ECO550UPS TRIPPLITE-ECO550UPS_15 Datasheet
530Kb / 4P
   ECO Series 120V 550VA 300W Energy-Saving Standby UPS with USB port and 8 Outlets
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
   TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
AVR650UM TRIPPLITE-AVR650UM_15 Datasheet
524Kb / 5P
   AVR Series 120V 650VA 325W Ultra-Compact Line-Interactive UPS with USB port and Muted Alarm
ECO350UPS TRIPPLITE-ECO350UPS_15 Datasheet
519Kb / 4P
   ECO Series 120V 350VA 180W Energy-Saving Standby UPS with USB port and 6 Outlets
ECO750UPS TRIPPLITE-ECO750UPS_15 Datasheet
510Kb / 4P
   ECO Series 120V 750VA 450W Energy-Saving Standby UPS with USB port and 12 Outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com