Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECO850LCD Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # ECO850LCD
Description  ECO Series 120V 850VA 425W Energy-Saving Standby UPS with USB port, LCD Display and 12 Outlets
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ECO850LCD Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  ECO850LCD_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ECO850LCD_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved ECO850LCD_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved ECO850LCD_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved ECO850LCD_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Shipping Dimensions (hwd /
cm)
11.4 x 38.1 x 25.4
Shipping Weight (lbs.)
8.11
Shipping Weight (kg)
3.68
UPS Housing Material
Plastic
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
17
AC Mode Efficiency Rating (100%
Load)
99%
COMMUNICATIONS
Communications Interface
USB (HID enabled)
PowerAlert Software
Free download from www.tripplite.com
Communications Cable
USB interface cable included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
Transfer Time
AC to battery mode: 6 milliseconds / Battery to AC mode: 3 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
99
High Voltage Transfer to Battery
Power (Setpoint)
139
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS; Power saving auto-shutoff ECO outlets
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B
(EMI); Meets FCC Part 68 / Industrie Canada (telecommunications); ROHS (Restriction of Hazardous Substances);
ENERGY STAR Qualified
WARRANTY
4 / 5


Similar Part No. - ECO850LCD_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO850LCDTAA TRIPPLITE-ECO850LCDTAA Datasheet
549Kb / 5P
   Enhanced LCD interface and USB monitoring port
ECO850LCDTAA TRIPPLITE-ECO850LCDTAA_15 Datasheet
550Kb / 5P
   TAA-Compliant ECO Series 120V 850VA 425W Energy-Saving Standby UPS with USB port, LCD Display and 12 Outlets
More results

Similar Description - ECO850LCD_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO850LCDTAA TRIPPLITE-ECO850LCDTAA_15 Datasheet
550Kb / 5P
   TAA-Compliant ECO Series 120V 850VA 425W Energy-Saving Standby UPS with USB port, LCD Display and 12 Outlets
ECO850LCD TRIPPLITE-ECO850LCD Datasheet
548Kb / 5P
   ECO 850VA Energy-saving 120V Standby UPS
ECO650LCD TRIPPLITE-ECO650LCD_15 Datasheet
533Kb / 5P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO750UPS TRIPPLITE-ECO750UPS_15 Datasheet
510Kb / 4P
   ECO Series 120V 750VA 450W Energy-Saving Standby UPS with USB port and 12 Outlets
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA_15 Datasheet
535Kb / 5P
   TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO350UPS TRIPPLITE-ECO350UPS_15 Datasheet
519Kb / 4P
   ECO Series 120V 350VA 180W Energy-Saving Standby UPS with USB port and 6 Outlets
logo
List of Unclassifed Man...
ECO550UPS ETC2-ECO550UPS Datasheet
532Kb / 6P
   Eco 550VA Energy-saving Standby 120V UPS with USB port
ECO750UPS ETC2-ECO750UPS Datasheet
512Kb / 6P
   Eco 750VA Energy-saving Standby 120V UPS with USB port
ECO350UPS ETC2-ECO350UPS Datasheet
521Kb / 6P
   Eco 350VA Energy-saving Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
ECO750UPS TRIPPLITE-ECO750UPS Datasheet
510Kb / 4P
   Eco 750VA Energy-saving Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com