Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP2177 Datasheet(PDF) 10 Page - Analog Devices

Part # OP2177
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP2177_15 Datasheet HTML 6Page - Analog Devices OP2177_15 Datasheet HTML 7Page - Analog Devices OP2177_15 Datasheet HTML 8Page - Analog Devices OP2177_15 Datasheet HTML 9Page - Analog Devices OP2177_15 Datasheet HTML 10Page - Analog Devices OP2177_15 Datasheet HTML 11Page - Analog Devices OP2177_15 Datasheet HTML 12Page - Analog Devices OP2177_15 Datasheet HTML 13Page - Analog Devices OP2177_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OP1177/OP2177/OP4177
Rev. G | Page 10 of 24
LOAD CURRENT (mA)
1.4
0.8
0
0.4
0.2
0.6
1.0
1.2
0.01
0.1
1
VSY = ±5V
TA = 25°C
SINK
SOURCE
0.001
10
Figure 31. Output Voltage to Supply Rail vs. Load Current
FREQUENCY (Hz)
1M
50
40
30
20
10
0
–10
60
–20
100k
10M
225
180
135
90
45
0
–45
270
–90
GAIN
PHASE
VSY = ±5V
CL = 0
RL =
Figure 32. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
100
80
60
40
20
0
–20
–40
–60
120
–80
1k
100M
VSY = ±5V
VIN = 4mV p-p
CL = 0
RL =
AV = 100
AV = 1
AV = 10
Figure 33. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
1k
10k
100k
100
1M
450
400
350
300
250
200
150
100
50
500
0
VSY = ±5V
VIN = 50mV p-p
AV = 100
AV = 1
AV = 10
Figure 34. Output Impedance vs. Frequency
TIME (100µs/DIV)
GND
VSY = ±5V
CL = 300pF
RL = 2kΩ
VIN = 1V
AV = 1
Figure 35. Large Signal Transient Response
TIME (10µs/DIV)
GND
VSY = ±5V
CL = 1,000pF
RL = 2kΩ
VIN = 100mV
AV = 1
Figure 36. Small Signal Transient Response


Similar Part No. - OP2177_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP2177AR AD-OP2177AR Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP2177AR AD-OP2177AR Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP2177AR AD-OP2177AR Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177AR-REEL AD-OP2177AR-REEL Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP2177AR-REEL AD-OP2177AR-REEL Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results

Similar Description - OP2177_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com