Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4000F Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # R4000F
Description  0.2A Axial Leaded High Voltage Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

R4000F Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  R4000F Datasheet HTML 1Page - SUNMATE electronic Co., LTD R4000F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIMEBASEFOR50/100 ns/cm
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
NOTES:1.RISETIME= 7ns MAX.INPUT IMPEDANCE=1M . 22pF.
Ggggggggg 2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50
.
FIG.1 -- FORWARD DERATING CURVE
0
0.1
25
50
75
100
125
150
Sing le Pha se
Half W ave 60 HZ
R esistive or
Ind uctive L oad
0.2
200
175
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
trr
-1.0A
1cm
-0.25A
0
+0.5A
10
100
TJ=125
8.3ms Single Half
Sine - Wave
30
20
10
1
0
2of2


Similar Part No. - R4000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R4000F RECTRON-R4000F Datasheet
20Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
SHENZHEN YONGERJIA INDU...
R4000F WINNERJOIN-R4000F Datasheet
155Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R4000F YFWDIODE-R4000F Datasheet
476Kb / 3P
   0.2Amp High Voltage Rectifier
logo
Dc Components
R4000F DCCOM-R4000F Datasheet
401Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shunye Enterprise
R4000F SHUNYE-R4000F Datasheet
233Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - R4000F

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
   0.2A Axial Leaded Schottky Barrier Diodes
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
   0.35A Axial Leaded High Voltage Rectifier
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
   0.2A Axial Leaded Small Signal Schottky Diodes
R1200F SUNMATE-R1200F Datasheet
246Kb / 2P
   0.2/0.5A Axial Leaded High Voltage Rectifier
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
   1.0A Axial Leaded High-Voltage Schottky Rectifier
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
   0.1/0.2A Axial Leaded Small Signal Switching Diode
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
   High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
   High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com