Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANTDP053 Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP053
Description  2.4 GHz Wi-Fi Stubby Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP053 Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP053 Datasheet HTML 1Page - World Produts Inc. WPANTDP053 Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 3.0
Created on: October 15, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANTDP053
2.4 GHz Wi-Fi Stubby Antenna
Description / Application
This is a 2.4 GHz Wi-Fi Omni Directional Whip Antenna. It comes with a RP-TNC male connector that has a swivel mechanism.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
3 dBi
Polarization
Vertical
Pattern
Omni Directional
Mechanical / Environmental Properties
Antenna Height
6.2’’
(158 mm)
Antenna Color
Black
Connector
Reverse Polarity TNC Male
Antenna Radome
Plastic
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP053

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP006 WPI-WPANTDP006 Datasheet
84Kb / 2P
   The WPANTDP006 is a very compact 3G Cellular Dual-band Monopole antenna
WPANTDP009-R3A WPI-WPANTDP009-R3A Datasheet
233Kb / 2P
   GPS L1 Band Active Module
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
   WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP012 WPI-WPANTDP012 Datasheet
121Kb / 2P
   WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP015-S1A WPI-WPANTDP015-S1A Datasheet
124Kb / 2P
   The WPANTDP015-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 . 5.9 GHz band
More results

Similar Description - WPANTDP053

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30124 WPI-WPANT30124 Datasheet
88Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30126 WPI-WPANT30126 Datasheet
82Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com