Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2N4416 Datasheet(PDF) 2 Page - Calogic, LLC

Part # X2N4416
Description  High Frequency Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

X2N4416 Datasheet(HTML) 2 Page - Calogic, LLC

  X2N4416 Datasheet HTML 1Page - Calogic, LLC X2N4416 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
IGSS
Gate Reverse Current
-0.1
nA
VGS = -20V, VDS = 0
-0.1
µATA = 150oC
BVGSS
Gate-Source Breakdown Voltage
2N4416/PN4416
-30
V
IG = -1
µA, VDS = 0
2N4416A
-35
VGS(off)
Gate-Source Cutoff Voltage
2N4416/PN4416
-6
VDS = 15V, ID = 1nA
2N4416A
-2.5
-6
VGS(f)
Gate-Source Forward Voltage
1
V
IG = 1mA, VDS = 0
IDSS
Drain Current at Zero Gate Voltage
5
15
mA
VDS = 15V,
VGS = 0
f = 1kHz
gfs
Common-Source Forward Transconductance
4500
7500
µS
gos
Common-Source Output Conductance
50
µs
Crss
Common-Source Reverse Transfer Capacitance (Note 1)
0.8
pF
f = 1MHz
Ciss
Common-Source Input Capacitance (Note 1)
4
pF
Coss
Common-Source Input Capacitance (Note 1)
2
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
100MHz
400MHz
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
giss
Common-Source Input Conductance
100
1000
µSVDS = 15V, VGS = 0 (Note 1)
biss
Common-Source Input Susceptance
2500
10,000
goss
Common-Source Output
Conductance
75
100
boss
Common-Source Output Susceptance
1000
4000
gfs
Common-Source Forward
Transconductance
4000
Gps
Common-Source Power Gain
18
10
dB
VDS = 15V, ID = 5mA (Note 1)
NF
Noise Figure (Note 1)
2
4
VDS = 15V, ID = 5mA, RG = 1k
NOTE 1: For design reference only, not 100% tested.
2N4416 / 2N4416A / PN4416
LLC
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS007 REV A


Similar Part No. - X2N4416

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
X2N4416 CALOGIC-X2N4416 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
More results

Similar Description - X2N4416

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Fairchild Semiconductor
KSC2223 FAIRCHILD-KSC2223 Datasheet
71Kb / 5P
   High Frequency Amplifier
logo
Hitachi Semiconductor
2SC5025 HITACHI-2SC5025 Datasheet
11Kb / 3P
   High frequency amplifier
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
   High frequency amplifier
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
   High Frequency Amplifier
logo
ON Semiconductor
KSC2223 ONSEMI-KSC2223 Datasheet
183Kb / 7P
   High Frequency Amplifier
Rev. B2, November 2002
logo
Calogic, LLC
2N5484 CALOGIC-2N5484_15 Datasheet
87Kb / 2P
   HIGH FREQUENCY AMPLIFIER
2N5911 CALOGIC-2N5911_15 Datasheet
41Kb / 2P
   High Frequency Amplifier
logo
Leshan Radio Company
L2SC4083PT1G LRC-L2SC4083PT1G_15 Datasheet
519Kb / 2P
   High-Frequency Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com