Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD200DC Datasheet(PDF) 1 Page - Calogic, LLC

Part # SD200DC
Description  High-Speed Analog N-Channel Enhancement-Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD200DC Datasheet(HTML) 1 Page - Calogic, LLC

  SD200DC_15 Datasheet HTML 1Page - Calogic, LLC SD200DC_15 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Speed Analog
N-Channel Enhancement-Mode
DMOS FETS
SD200 / SD201 / SD202 / SD203 / SSTSD201 / SSTSD203
FEATURES
•• High gain . . . . . . . . . . . . . . . . . . . . . 8.0 dB min @ 1 GHz
•• Low Noise. . . . . . . . . . . . . . . . . . . . . 5.0 dB max @ 1 GHz
(SD202, SD203, SSTSD203)
Low Interelectrode Capacitances
APPLICATIONS
•• High Gain VHF/UHF Amplifiers
•• Oscillators
•• Mixers
DESCRIPTION
The
SD200
series
is
manufactured utilizing Calogic’s
proprietary DMOS design and processing techniques. The
device is designed to operate well through 1 GHz while
maintaining excellent frequency response, power gain, and
low noise.
The DMOS structure is an inherently low
capacitance and very high speed design resulting in a device
that bridges JFETS and GaAs products in performance
characteristics.
ORDERING INFORMATION
Part
Package
Temperature Range
SD200DC
4 Lead TO-52 Package
-55
oC to +125oC
SD201DC
4 Lead TO-52 Package
-55
oC to +125oC
SD202DC
4 Lead TO-52 Package
-55
oC to +125oC
SD203DC
4 Lead TO-52 Package
-55
oC to +125oC
SSTSD201
Surface Mount SOT-143
-55
oC to +125oC
SSTSD203
Surface Mount SOT-143
-55
oC to +125oC
XSD200
Sorted Chips in Carriers
-55
oC to +125oC
XSD201
Sorted Chips in Carriers
-55
oC to +125oC
XSD202
Sorted Chips in Carriers
-55
oC to +125oC
XSD203
Sorted Chips in Carriers
-55
oC to +125oC
LLC
PIN CONFIGURATION
SCHEMATIC DIAGRAM
(3)
GATE
(2)
DRAIN
(1)
SOURCE
BODY INTERNALLY CONNECTED TO CASE.
DIODE PROTECTION ON SD201/SD203 ONLY.
(4)
CASE, BODY
G
D
CASE, B
S
CD10-1
SD201, SD203, zener protected
CD10-2
SD202, SD204, non-zener
BODY (4)
SOURCE (1)
DRAIN (2)
GATE (3)
SOT-143
PART MARKINGS (SOT-143)
P/N
MARKING
SSTSD201
201
SSTSD203
203
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS054 REV A


Similar Part No. - SD200DC_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200DC CALOGIC-SD200DC Datasheet
27Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD200DC CALOGIC-SD200DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
More results

Similar Description - SD200DC_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SSTSD201 CALOGIC-SSTSD201_15 Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
   High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
NTE Electronics
NTE2377 NTE-NTE2377 Datasheet
22Kb / 2P
   MOSFET N-Channel, Enhancement Mode, High Speed
NTE2973 NTE-NTE2973 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2988 NTE-NTE2988 Datasheet
24Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2944 NTE-NTE2944 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com