Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF530S Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # SIHF530S
Description  Halogen-free According to IEC 61249-2-21
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHF530S Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  SIHF530S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. SIHF530S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1400
1200
1000
800
0
400
600
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91020_05
200
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
5
25
20
15
10
I
D = 14 A
V
DS = 20 V
V
DS = 50 V
For test circuit
see figure 13
V
DS = 80 V
91020_06
101
100
VSD, Source-to-Drain Voltage (V)
0.4
2.0
1.6
1.2
0.8
25
°C
175
°C
V
GS = 0 V
91020_07
102
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 175 °C
Single Pulse
0.1
103
0.1
2
5
1
2
5
10
2
5
2
5
25
1
25
10
25
102
25
103
91020_08
IRF530S, SiHF530S
2014-8-28
4
www.kersemi.com


Similar Part No. - SIHF530S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF530S VISHAY-SIHF530S Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Vishay Telefunken
SIHF530S TFUNK-SIHF530S Datasheet
175Kb / 9P
   Power MOSFET
logo
Vishay Siliconix
SIHF530S VISHAY-SIHF530S Datasheet
218Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF530S-E3 VISHAY-SIHF530S-E3 Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
SIHF530S-GE3 VISHAY-SIHF530S-GE3 Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - SIHF530S

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com