Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840A Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRF840A
Description  Uninterruptable Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF840A Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRF840A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
Fig 12d. Typical Drain-to-Source Voltage
Vs. Avalanche Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IAV , Avalanche Current ( A)
540
550
560
570
580
590
600
610
25
50
75
100
125
150
0
200
400
600
800
1000
1200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
3.6A
5.1A
8.0A
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
IAV , Avalanche Current ( A)
520
540
560
580
600
IRF840A
2014-8-12
6
www.kersemi.com


Similar Part No. - IRF840A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840A TEL-IRF840A Datasheet
141Kb / 1P
   Power MOSFET
logo
Vishay Siliconix
IRF840A VISHAY-IRF840A Datasheet
138Kb / 8P
   Power MOSFET
S-81275-Rev. A, 16-Jun-08
IRF840A VISHAY-IRF840A Datasheet
287Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRF840A VISHAY-IRF840A Datasheet
162Kb / 8P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF840A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
TRACO Electronic AG
TSPC-UPS TRACOPOWER-TSPC-UPS Datasheet
849Kb / 7P
   UPS Uninterruptable AC/DC Power Supply TSPC-UPS Series
Rev. November 23, 2021
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com