Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1010NL Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRF1010NL
Description  Fully Avalanche Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1010NL Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF1010NL Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 175 C
J
°

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
4
6
8
10
12

V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 175 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature( C)
J
°


V
=
I =
GS
D
10V
85A
IRF1010NS/IRF1010NL
2014-8-30
3
www.kersemi.com


Similar Part No. - IRF1010NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010NL IRF-IRF1010NL Datasheet
146Kb / 10P
   Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
297Kb / 11P
   HEXFET짰 Power MOSFET
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
298Kb / 11P
   Advanced Process Technology
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
298Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF1010NL

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
AUIRLR024N IRF-AUIRLR024N Datasheet
328Kb / 13P
   Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
Infineon Technologies A...
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
   Avalanche rated
Rev 2.0 2014-09-30
BSL303SPE INFINEON-BSL303SPE Datasheet
417Kb / 10P
   Avalanche rated
Rev 2.0 2014-11-18
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
281Kb / 11P
   Avalanche rated
March 2007 Rev 2
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
   Repetitive avalanche rated
12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com