Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB4019 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFB4019
Description  Key Parameters Optimized for Class-D Audio
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB4019 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFB4019 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB4019 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB4019 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB4019 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB4019 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB4019 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB4019 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.19
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
80
95
m
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-13
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
14
–––
–––
S
Qg
Total Gate Charge
–––
13
20
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.3
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.95
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.1
–––
Qgodr
Gate Charge Overdrive
–––
4.7
–––
See Fig. 6 and 19
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.1
–––
RG(int)
Internal Gate Resistance
–––
2.4
–––
td(on)
Turn-On Delay Time
–––
7.0
–––
tr
Rise Time
–––
13
–––
td(off)
Turn-Off Delay Time
–––
12
–––
ns
tf
Fall Time
–––
7.8
–––
Ciss
Input Capacitance
–––
800
–––
Coss
Output Capacitance
–––
74
–––
pF
Crss
Reverse Transfer Capacitance
–––
19
–––
Coss
Effective Output Capacitance
–––
99
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ãg
A
EAR
Repetitive Avalanche Energy
g
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
17
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
51
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
64
96
ns
Qrr
Reverse Recovery Charge
–––
160
240
nC
–––
73
See Fig. 14, 15, 17a, 17b
ID = 10A
Typ.
Max.
ƒ = 1.0MHz,
See Fig.5
TJ = 25°C, IF = 10A
di/dt = 100A/µs
e
TJ = 25°C, IS = 10A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 10A e
VDS = VGS, ID = 50µA
VDS = 150V, VGS = 0V
VGS = 0V, VDS = 0V to 120V
VDS = 150V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
ID = 10A
VGS = 0V
MOSFET symbol
RG = 2.4Ω
VDS = 10V, ID = 10A
Conditions
and center of die contact
VDD = 75V, VGS = 10VÃe
VDS = 75V
VDS = 50V
IRFB4019PBF
2014-8-13
www.kersemi.com
2


Similar Part No. - IRFB4019

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB4019 ISC-IRFB4019 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF Datasheet
278Kb / 7P
   DIGITAL AUDIO MOSFET
IRFB4019PBF IRF-IRFB4019PBF Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF_15 Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
More results

Similar Description - IRFB4019

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com