Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR48Z Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRFR48Z
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR48Z Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR48Z_15 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRFR48Z_15 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 1.0A
ID = 50µA
ID = 150µA
ID = 250µA
ID = 1.0mA
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
I D
TOP
4.3A
6.3A
BOTTOM
37A
AUIRFR48Z
2014-8-22
7
www.kersemi.com


Similar Part No. - IRFR48Z_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR48ZPBF IRF-IRFR48ZPBF Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR48ZPBF KERSEMI-IRFR48ZPBF Datasheet
5Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRFR48ZPBF IRF-IRFR48ZPBF Datasheet
353Kb / 11P
   Advanced Process Technology
IRFR48ZPBF IRF-IRFR48ZPBF_15 Datasheet
353Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFR48ZTRL KERSEMI-IRFR48ZTRL Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRFR48Z_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com