Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT987A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # PZT987A
Description  Medium Power High Gain Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT987A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT987A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT987A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The PZT987A is designed for battery
powered circuits and fast charge
converters.
Description
* Gain Of 200 At Ic=2A And Very
Low Saturation Voltage
Features
9 8 7 A
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=-100µA, IE=0
IC=-10mA, IB=0
IE=-100µA, IC=0
VCB=-15V, IE=0
VEB=-
C
=0
IC=-
VCE=- V, IC=
VCE=- V, IC=-50mA,
VCB=-10 , f=1MHz
, f=50MHz
VCC=-10V,IC=-
,IB1=IB2=- 0mA
*BVCEO
-25
-
-
V
BVEBO
-
-
V
ICBO
-
-
-100
nA
IEBO
-
-
nA
*VCE(sat)1
-
*VCE(sat)2
-
-
-
*VBE(sat)
V
*VBE(on)
V
*hFE1
-
*hFE2
225
800
*hFE3
-
*hFE4
-
fT
100
-
MH
Cob
-
35
-
pF
Ton
Toff
-
-
-
-
z
nS
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage
Base Saturation Voltage
Base-Emitter Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
On-Time
Off-Time
t
-25
-5
300
250
200
100
-
-
-0.8
-
400
-100
-250
-450
-1
-
mV
4V,I
1A,IB=-10 mA
IC=-2A,IB=-20mA
IC=-1A,IB=-10mA
IC=-1A,VCE=-2V
2
-10mA
VCE=- V, IC=-
2
1 A
VCE=- V, IC=-
2
2A
VCE=- V, IC=-
2
6A
5
5
500mA
V
C
o
*Measured under pulse condition. Pulse width 300 s, Duty Cycle 2%
=
µ
*VCE(sat)3
-
-
-500
IC=-3A,IB=-100mA
VCB=-0.5 , f=1MHz
Cib
-
pF
Iutput Capacitance
25
V
-
-
-
-
-
PZT987A
PNP Silicon Planar
Medium Power High Gain Transistor
Mi
llimeter
Mi
llimeter
IC
MAXIMUM RATINGS* (Tamb =25 , unless otherwise specified)
C
Symbol
Parameter
Value
Collector Current (DC)
-6
-5
2
55~+150
-25
-25
-3
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
Collector Current (Pulse)
A
ICM
o
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Date Code
B
C
E
*The power which can be dissipated assuming the device is mounted in a typical on a P.C.B. with copper equal to 4 square inch min..


Similar Part No. - PZT987A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
More results

Similar Description - PZT987A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
logo
Rohm
2SD2114K ROHM-2SD2114K_12 Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
logo
Diodes Incorporated
FZT694B DIODES-FZT694B_16 Datasheet
751Kb / 7P
   120V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1051A DIODES-FZT1051A_15 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
   25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
ZXT690BK DIODES-ZXT690BK_15 Datasheet
251Kb / 7P
   45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
FZT1048A DIODES-FZT1048A_18 Datasheet
676Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
ZXT690BK DIODES-ZXT690BK Datasheet
305Kb / 7P
   45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
FZT688B DIODES-FZT688B Datasheet
663Kb / 7P
   12V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com