Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT4403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # PZT4403
Description  PNP Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT4403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT4403_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT4403_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZT4403
PNP Transistor
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The PZT4403 is designed for general
purpose switching and amplifier applications.
4 4 0
Date Code
B
C
E
3
Description
Features
*High Power Dissipation: 1500mW at 25 C
o
*High DC Current Gain: 100~300 at 150mA
*Complementary to PZT4401
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=-100µA
IC=-1mA
IE=-10µA
VCE=-35V,VBE=-0.4V
IC=-
VCE=- V, IC=-
VCE=- V, IC=- 20mA,f=100MHz
VCB=-10 , f=1MHz
*BVCEO
-40
-
-
V
BVEBO
-
-
V
ICES
-
-
-100
nA
-
-
*VCE(sat)1
-
*hFE1
300
*hFE2
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
-40
-5
60
-750
100
-950
-1.3
-400
mV
150mA,IB=-15mA
1
0.1 mA
VCE=- V, IC=-
1
1mA
10
V
C
-
-750
30
100
-
20
200
8.5
-
*Pulse width 380 s, Duty Cycle 2%
µ
-
-
*VCE(sat)2
Base Satruation Voltage
*VBE(sat)1
*VBE(sat)2
*hFE3
*hFE4
*hFE5
mV
mV
V
-
-
-
-
-
-
-
-
-
-
IC=- 500mA,IB=- 50mA
IC=- 150mA,IB=-15mA
IC=- 500mA,IB=-50mA
VCE=- V, IC=-
1
10 mA
VCE=- V, IC=-
1
150mA
VCE=- V, IC=-
2
500mA
o
Classification of hFE4
MAXIMUM RATINGS
Symbol
Parameter
Value
Collector Current (Continous)
-5
1.5
55~+150
-40
-40
-600
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
ABSOLUTE
Ta=25C
o
Rank
Q
R
100~210
190~300
Range
5
1.40
1.80
Mi
llimeter
Mi
llimeter
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70


Similar Part No. - PZT4403_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PZT4403 KEXIN-PZT4403_15 Datasheet
356Kb / 1P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403_15 Datasheet
161Kb / 1P
   PNP TRANSISTOR
More results

Similar Description - PZT4403_15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com