Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1302S Datasheet(PDF) 9 Page - International Rectifier

Part # IRF1302S
Description  Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1302S Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF1302S Datasheet HTML 3Page - International Rectifier IRF1302S Datasheet HTML 4Page - International Rectifier IRF1302S Datasheet HTML 5Page - International Rectifier IRF1302S Datasheet HTML 6Page - International Rectifier IRF1302S Datasheet HTML 7Page - International Rectifier IRF1302S Datasheet HTML 8Page - International Rectifier IRF1302S Datasheet HTML 9Page - International Rectifier IRF1302S Datasheet HTML 10Page - International Rectifier IRF1302S Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF1302S/IRF1302L
www.irf.com
9
D2Pak Package Outline
D2Pak Part Marking Information
F530S
T HIS IS AN IRF530S WIT H
LOT CODE 8024
AS S EMBLED ON WW 02, 2000
IN THE AS S EMBLY LINE "L"
AS S EMBLY
LOT CODE
INT ERNAT IONAL
RECTIFIER
LOGO
PART NUMBER
DAT E CODE
YEAR 0 = 2000
WEEK 02
LINE L


Similar Part No. - IRF1302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302PBF IRF-IRF1302PBF Datasheet
165Kb / 10P
   AUTOMOTIVE MOSFET ( VDSS = 20V , RDS(on) = 4.0m廓 , ID = 180A )
More results

Similar Description - IRF1302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
   Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
   Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com