Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT30068-RA Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30068-RA
Description  143 MHz VHF Whip Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30068-RA Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30068-RA Datasheet HTML 1Page - World Produts Inc. WPANT30068-RA Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: June 21, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30068-RA
143 MHz VHF Whip Antenna
Description / Application
This is a 143 MHz VHF Omni Directional Whip Antenna. It comes with a 1 meter long RG-174 cable with SMA male connector at the
end.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
137 – 150 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2.5:1
Peak Gain [dBi] (Typical)
2 dBi
Polarization
Vertical
Pattern
Omni Directional; Also depends on installation
Accepted Power [W] (Max)
50 Watts
Mechanical / Environmental Properties
Antenna Height
17.7’’
(450 mm)
Antenna Color
Black
Cable
1 meter long RG-174
Connector
SMA Male
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30068-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30060-S1A WPI-WPANT30060-S1A Datasheet
380Kb / 4P
   3G, Wi-Fi and GPS Body-mount Antenna
WPANT30060-S1A WPI-WPANT30060-S1A_15 Datasheet
377Kb / 4P
   3G, Wi-Fi and GPS Body-mount Antenna
WPANT30061-S1A WPI-WPANT30061-S1A Datasheet
393Kb / 4P
   5 GHz Wi-Fi and GPS Body-mount Antenna
WPANT30063-S1A WPI-WPANT30063-S1A Datasheet
267Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A_15 Datasheet
253Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
More results

Similar Description - WPANT30068-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30036-RA WPI-WPANT30036-RA Datasheet
100Kb / 2P
   200 MHz VHF Whip Antenna
logo
Harris Corporation
RF-387-AT002 HARRIS-RF-387-AT002 Datasheet
305Kb / 2P
   VHF VEHICULAR WHIP ANTENNA
logo
World Produts Inc.
WPANT30064-RB WPI-WPANT30064-RB Datasheet
74Kb / 2P
   420 MHz UHF Whip Antenna
logo
Linx Technologies
ANT-868-CW-RCL-SMA LINX-ANT-868-CW-RCL-SMA Datasheet
865Kb / 8P
   868 MHz Right-Angle Whip Antenna
2020
logo
World Produts Inc.
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
logo
Pasternack Enterprises,...
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
   Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
   Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
logo
Taoglas antenna solutio...
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
   Flexible Whip Monopole Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com