Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1K Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # RS1K
Description  1.0A Surface Mount Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS1K Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  RS1K Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS1K Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Temperature (
°C)
Fig. 1 — Forward Current
Derating Curve
Fig. 3 — Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 — Typical Reverse
Characteristics
Fig. 6 — Typical Transient
Thermal Impedance
Number of Cycles at 60 HZ
t, Pulse Duration (sec.)
Fig. 2 — Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 — Typical Junction
Capacitance
0
20
40
60
80
100
120
140
160
180
0
0.5
1.0
1.2
Resistive or Inductive Load
1
10
100
0
10
20
30
40
50
TL = 90°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
30
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
30
1
10
100
1
10
30
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
0.01
0.1
1
10
1
10
100
Mounted on 0.2 x 0.2" (5 x 5mm)
Copper Pad Area
P.C.B. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
TJ = 25
°C
TJ = 100
°C
TJ = 125
°C
TJ = 125
°C
TJ = 25
°C
2of2


Similar Part No. - RS1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1K PANJIT-RS1K Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Jiangsu High diode Semi...
RS1K HDSEMI-RS1K Datasheet
1Mb / 4P
   SMAJ Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
RS1K LUGUANG-RS1K Datasheet
178Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Fairchild Semiconductor
RS1K FAIRCHILD-RS1K Datasheet
49Kb / 3P
   Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
RS1K SAMYANG-RS1K Datasheet
955Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RS1K

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
S1A ZSELEC-S1A Datasheet
189Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
BYG50A ZSELEC-BYG50A Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
GF1A ZSELEC-GF1A Datasheet
111Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
S1A TAITRON-S1A Datasheet
187Kb / 5P
   1.0A Surface Mount Rectifier
logo
Zibo Seno Electronic En...
MRA4001T3 ZSELEC-MRA4001T3 Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
ER1A SUNMATE-ER1A Datasheet
277Kb / 2P
   1.0A Surface Mount Rectifier
logo
Zibo Seno Electronic En...
GS1AF ZSELEC-GS1AF Datasheet
149Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
S1M ZSELEC-S1M Datasheet
147Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
S1AB TAITRON-S1AB Datasheet
183Kb / 4P
   1.0A SURFACE MOUNT RECTIFIER
SS12 TAITRON-SS12 Datasheet
175Kb / 3P
   1.0A Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com