Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1407 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF1407
Description  Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407 Datasheet(HTML) 7 Page - International Rectifier

  IRF1407 Datasheet HTML 1Page - International Rectifier IRF1407 Datasheet HTML 2Page - International Rectifier IRF1407 Datasheet HTML 3Page - International Rectifier IRF1407 Datasheet HTML 4Page - International Rectifier IRF1407 Datasheet HTML 5Page - International Rectifier IRF1407 Datasheet HTML 6Page - International Rectifier IRF1407 Datasheet HTML 7Page - International Rectifier IRF1407 Datasheet HTML 8Page - International Rectifier IRF1407 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRF1407
www.irf.com
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = ∆
∆∆∆∆T/ ZthJC
Iav = 2∆
∆∆∆∆T/ [1.3·BV·Z
th]
EAS (AR) = PD (ave)·tav
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting T J , Junction Temperature (°C)
0
100
200
300
400
TOP
Single Pulse
BOTTOM 10% Duty Cycle
ID = 78A


Similar Part No. - IRF1407

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1407 ISC-IRF1407 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407L IRF-IRF1407L Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
logo
Inchange Semiconductor ...
IRF1407L ISC-IRF1407L Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407LPBF IRF-IRF1407LPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
logo
Infineon Technologies A...
IRF1407LPbF INFINEON-IRF1407LPbF Datasheet
578Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-26
More results

Similar Description - IRF1407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP064V IRF-IRFP064V Datasheet
210Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF2807 IRF-IRF2807 Datasheet
207Kb / 8P
   Power MOSFET(Vdss=75V, Id=82A??
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com