Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-9052 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-9052
Description  Design Guide for Selection of Bootstrap Components
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9052 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-9052 Datasheet HTML 1Page - Fairchild Semiconductor AN-9052 Datasheet HTML 2Page - Fairchild Semiconductor AN-9052 Datasheet HTML 3Page - Fairchild Semiconductor AN-9052 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN-9052
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 11/10/08
2
start-up phase can be defined by the time constants Rbs, Rvs,
and Cbs. When the load is connected and forms the charge
path in the bootstrap circuit, the initial charging time is
defined by Cbs and the relationship between Rbs, Rvs, and
the load impedance RL. Most designs, the value of Cbs is
picked with some margins, which leads to longer star-up
time. If node X is left floating for a long time, Vbs will
decrease due to leakage current, and consequently the gate
drive IC will go into UVLO condition. Controlling the low
side switch properly, the bootstrap capacitor can be
recharged and maintain the voltage level needed by the gate
drive IC. The gate drive IC FAN7085 (block diagram shown
in Fig.2) has a built-in recharge switch that will charge the
bootstrap capacitor regardless of the application. If Q1 is
turned off and FAN7085 is used as a gate drive IC in the
bootstrap circuit shown in Figure 1, the internal recharge
switch of the FAN7085 will activate to provide the path to
charge the bootstrap capacitor (Cbs) fully. Let's look at a
specific application of the FAN7085, which is shown in Fig-
ure 3. In the event that both of the switch (S1 and S2) are
turned off, the internal recharge switch of the FAN7085 will
provide the path to charge the bootstrap capacitor. If the cur-
rent level passing through the recharge switch is higher than
the leakage current, bootstrap capacitor will charge through
the recharge path. The voltage level on the VS pin of the
FAN7085 at a given current level when the recharge switch
is turned on is defined on the datasheet.
Figure 2. Internal block diagram of FAN7085
Figure 3. Application example of FAN7085
2. Selection of Bootstrap
Components
2.1 Selection of Bootstrap Capacitor
The maximum allowable voltage drop across the bootstrap
capacitor to ensure enough gate-source voltage is highly
dependent to the internal undervoltage shutdown level of the
gate drive IC, and the voltage level at the source connection
of Q1 (node X)
Where:
VCC= gate drive IC supply voltage
If = static forward voltage drop of Dbs
Vop= minimum gate-source voltage level required that will
prevent Q1 to go into a high dissipation mode
X = MOSFET source connection
If the minimum operating voltage (VOP) requires to be
greater than UVLO voltage level, then equation 2 can be
denoted as follows
Where, VBSUV,Max is the maximum UVLO voltage level of
gate drive IC.
The total charge (Qbs) required by the bootstrap capacitor
can be calculated by summing the Q1 gate charge, charge
required for the level shifter in the gate drive IC, and leakage
charges resulting from leakage current.
Where:
QBS = total charge from Cbs
Qg.= gate charge of Q1
ILK= total leakage current
IQBS = operating current in gate drive IC
TON = Turning-on interval of Q1
QLS= level shift charge required per cycle.
The total leakage current is the summation of all of the indi-
vidual component's leakage currents
Where,
ILK,GS = gate leakage current of the MOSFET
ILK,HS = high side floating supply leakage current
ILK,D = bootstrap diode leakage current
VCC
Under Voltage
Reset VCC to GND
Logic
Pulse
Filter
Level Shifter
ON
Level Shifter
OFF
Delay
Under
Voltage Reset
VB to VS
Pulse Filter
Flip Flop
Brake before
make
RESET -
IN-
GND
VS
HO
VB
VCC
IN-
GND
RESET-
VB
HO
NC
VS
C2
C1
R1
R2
R3
R4
C3
5V
VCC
VS
C4
Load
GND
From LS Driver
S1
S2
D3
D4
D5
FAN7085
VBSDrop
,
VCC V f
VOP
VX
=
2
()
V
BSDrop
,
V
CC
V
f
V
BSUVMax
,
V
X
=
3
()
Q
BS
Q
g
I
LK
I
QBS
+
() T
ON
×
Q
LS
++
=
4
()
ILK
ILKGS
,
ILKHS
,
ILKD
,
ILKC
,
+++
=
5
()


Similar Part No. - AN-9052

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9050 FAIRCHILD-AN-9050 Datasheet
229Kb / 7P
   Power Loss Calculation
AN-9055 FAIRCHILD-AN-9055 Datasheet
560Kb / 5P
   Assembly Guidelines for MicroFET 2x2 Dual Packaging
More results

Similar Description - AN-9052

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3CN202P1DC328 OMRON-G3CN202P1DC328 Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
logo
ATMEL Corporation
ATAK57XX ATMEL-ATAK57XX Datasheet
86Kb / 4P
   RF Design Kit ATAK57xx Selection Guide
logo
Murata Manufacturing Co...
T13E MURATA-T13E Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TOKO, Inc
MC138 TOKO-MC138 Datasheet
432Kb / 1P
   SELECTION GUIDE FOR STANDARD COILS
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com