Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1647 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SA1647
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1647 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SA1647_15 Datasheet HTML 1Page - Renesas Technology Corp 2SA1647_15 Datasheet HTML 2Page - Renesas Technology Corp 2SA1647_15 Datasheet HTML 3Page - Renesas Technology Corp 2SA1647_15 Datasheet HTML 4Page - Renesas Technology Corp 2SA1647_15 Datasheet HTML 5Page - Renesas Technology Corp 2SA1647_15 Datasheet HTML 6Page - Renesas Technology Corp 2SA1647_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet D14839EJ5V0DS
4
2SA1647,1647-Z
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
−0.01
−0.1
−1.0
−10
−100
−10
−1.0
−0.1
BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
−0.1
−1
−10
−10
−1
−0.1
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
−0.03
−0.1
tstg
ton
tf
−0.3
−1
−3
−10
1000
300
100
30
10
TURN ON TIME, STORAGE TIME AND FALL TIME
vs. COLLECTOR CURRENT
0.1
1
10
100
10
1.0
0.1
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
0.01
0.005
1
10
100
1000
0.1
1000
100
10
4
Collector Current IC (A)
Collector Current IC (A)
Collector to Base Voltage VCB (V)
Collector Current IC (A)
IC / IB = 20 A
Pulse test
IC / IB = 20 A
Pulse test
IC = 20 A
• IB1 = −20 A • IB2
TA = 125
°C
25
°C
−40°C
TA =
−40°C
25
°C
125
°C
Collector Current IC (A)


Similar Part No. - 2SA1647_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1647-Z NEC-2SA1647-Z Datasheet
160Kb / 6P
   SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1647-Z RENESAS-2SA1647-Z Datasheet
374Kb / 7P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SA1647-Z ISC-2SA1647-Z Datasheet
244Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1647_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com