Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF330 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF330
Description  TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF330 Datasheet(HTML) 5 Page - International Rectifier

  IRF330 Datasheet HTML 1Page - International Rectifier IRF330 Datasheet HTML 2Page - International Rectifier IRF330 Datasheet HTML 3Page - International Rectifier IRF330 Datasheet HTML 4Page - International Rectifier IRF330 Datasheet HTML 5Page - International Rectifier IRF330 Datasheet HTML 6Page - International Rectifier IRF330 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRF330
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b.
Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11.
Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature


Similar Part No. - IRF330

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF330 SAMSUNG-IRF330 Datasheet
208Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF330 FAIRCHILD-IRF330 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
Intersil Corporation
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Seme LAB
IRF330 SEME-LAB-IRF330 Datasheet
96Kb / 3P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   IRF330-333/IRF730-733 MTM/MTP5N35/5N40 N-Channel Power MOSFETs
More results

Similar Description - IRF330

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
IRF360 IRF-IRF360 Datasheet
139Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF340 IRF-IRF340 Datasheet
145Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
   TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
IRF460 IRF-IRF460 Datasheet
140Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21)
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com